Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M39832 Datasheet(PDF) 16 Page - STMicroelectronics

Part # M39832
Description  Single Chip 8 Mbit 1Mb x8 or 512Kb x16 Flash and 256 Kbit Parallel EEPROM Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M39832 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M39832 Datasheet HTML 12Page - STMicroelectronics M39832 Datasheet HTML 13Page - STMicroelectronics M39832 Datasheet HTML 14Page - STMicroelectronics M39832 Datasheet HTML 15Page - STMicroelectronics M39832 Datasheet HTML 16Page - STMicroelectronics M39832 Datasheet HTML 17Page - STMicroelectronics M39832 Datasheet HTML 18Page - STMicroelectronics M39832 Datasheet HTML 19Page - STMicroelectronics M39832 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
READ
DQ2, DQ5 & DQ6
START
READ DQ2, DQ6
FAIL
PASS
AI01873
DQ2, DQ6
=
TOGGLE
NO
NO
YES
YES
DQ5
= 1
NO
YES
DQ2, DQ6
=
TOGGLE
Figure 7B. Flash ata Toggle Flowchart
READ
DQ5 & DQ6
START
READ DQ6
FAIL
PASS
AI01370
DQ6
=
TOGGLE
NO
NO
YES
YES
DQ5
= 1
NO
YES
DQ6
=
TOGGLE
Figure 7A. Data Toggle Flowchart
Toggle Bit, DQ2 (Flash array only). This toggle
bit, together with DQ6, can be used to determine
the device status during the Erase operations. It
can also be used to identify the block being erased.
During Erase or Erase Suspend a read from a block
being erased will cause DQ2 to toggle. A read from
a block not being erased will set DQ2 to ’1’ during
erase and to DQ2 during Erase Suspend. During
Flash Array Erase, a read operation will cause
DQ2 to toggle as all blocks are being erased. DQ2
will be set to ’1’ during program operation and when
erase is complete. After erase completion and if the
error bit DQ5 is set to ’1’, DQ2 will toggle if the faulty
block is addressed.
Error flag, DQ5 (Flash block only). This bit is set
to ’1’ by the internal logic when there is a failure of
programming, block erase, or chip erase that re-
sults in invalid data in the memory block. In case of
an error in block erase or program, the block in
which the error occured or to which the pro-
grammed data belongs, must be discarded. The
DQ5 failure condition will also appear if a user tries
to program a ’1’ to a location that is previously
programmed to ’0’. Other Blocks may still be used.
The error bit resets after a Read/Reset (RD) in-
struction. In case of success of Program or Erase,
the error bit will be set to ’0’ . when A0 is High with
A1 Low.
Erase Timer Bit, DQ3 (Flash array only). This bit
is set to ’0’ by internal logic when the last block
Erase command has been entered to the Com-
mand Interface and it is awaiting the Erase start.
When the erase timeout period is finished, after
50ms to 90ms, DQ3 returns to ’1’.
WRITE a BYTE (or a PAGE) in EEPROM
It should be noticed that writing in the EEPROM
array is an operation, it is not an instruction (as for
Programming a byte in the Flash array).
Write a Byte in EEPROM Array
A write operation is initiated when Chip Enable EE
is Low and Write Enable W is Low with Output
16/36
M39832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com