Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M39832 Datasheet(PDF) 25 Page - STMicroelectronics

Part # M39832
Description  Single Chip 8 Mbit 1Mb x8 or 512Kb x16 Flash and 256 Kbit Parallel EEPROM Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M39832 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M39832 Datasheet HTML 21Page - STMicroelectronics M39832 Datasheet HTML 22Page - STMicroelectronics M39832 Datasheet HTML 23Page - STMicroelectronics M39832 Datasheet HTML 24Page - STMicroelectronics M39832 Datasheet HTML 25Page - STMicroelectronics M39832 Datasheet HTML 26Page - STMicroelectronics M39832 Datasheet HTML 27Page - STMicroelectronics M39832 Datasheet HTML 28Page - STMicroelectronics M39832 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
Symbol
Alt
Parameter
Test Condition
M39832
Unit
-120
-150
Min
Max
Min
Max
tAVAV
tRC
Address Valid to Next
Address Valid
(EE, EF) = (VIL, VIH) or
(EE, EF) = (VIH, VIL),
G = VIL
120
150
ns
tAVQV
tACC
Address Valid to Output
Valid
(EE, EF) = (VIL, VIH) or
(EE, EF) = (VIH, VIL),
G = VIL
120
150
ns
tELQX
(1)
tLZ
Chip Enable Low to Output
Transition
G = VIL
00
ns
tELQV
(2)
tCE
Chip Enable Low to Output
Valid
G = VIL
120
150
ns
tGLQX
(1)
tOLZ
Output Enable Low to
Output Transition
(EE, EF) = (VIL, VIH) or
(EE, EF) = (VIH, VIL)
00
ns
tGLQV
(2)
tOE
Output Enable Low to
Output Valid
(EE, EF) = (VIL, VIH) or
(EE, EF) = (VIH, VIL)
55
55
ns
tEHQX
tOH
Chip Enable High to
Output Transition
G = VIL
00
ns
tEHQZ
(1)
tHZ
Chip Enable High to
Output Hi-Z
G = VIL
40
40
ns
tGHQX
tOH
Output Enable High to
Output Transition
(EE, EF) = (VIL, VIH) or
(EE, EF) = (VIH, VIL)
00
ns
tGHQZ
(1)
tDF
Output Enable High to
Output Hi-Z
(EE, EF) = (VIL, VIH) or
(EE, EF) = (VIH, VIL)
40
40
ns
tAXQX
tOH
Address Transition to
Output Transition
(EE, EF) = (VIL, VIH) or
(EE, EF) = (VIH, VIL),
G = VIL
00
ns
tEHFL
tCED
EE (EF) Active to EF (EE)
100
100
ns
Notes: 1. Sampled only, not 100% tested.
2. G may be delayed by up to tELQV - tGLQV after the falling edge of EE (or EF) without increasing tELQV.
Table 13. Read AC Characteristics
(TA = 0 to 70
°C or –20 to 85°C; VCC = 3.3V ± 0.3V)
25/36
M39832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com