Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M39832 Datasheet(PDF) 13 Page - STMicroelectronics

Part # M39832
Description  Single Chip 8 Mbit 1Mb x8 or 512Kb x16 Flash and 256 Kbit Parallel EEPROM Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M39832 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M39832 Datasheet HTML 9Page - STMicroelectronics M39832 Datasheet HTML 10Page - STMicroelectronics M39832 Datasheet HTML 11Page - STMicroelectronics M39832 Datasheet HTML 12Page - STMicroelectronics M39832 Datasheet HTML 13Page - STMicroelectronics M39832 Datasheet HTML 14Page - STMicroelectronics M39832 Datasheet HTML 15Page - STMicroelectronics M39832 Datasheet HTML 16Page - STMicroelectronics M39832 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
Write. A Write operation can be used for two goals:
– either write data in the EEPROM memory array
– or enter a sequence of bytes or word composing
an instruction.
The reader should note that Programming a Flash
byte or word is an instruction (see Instructions
paragraph).
Writing data requires:
– the Chip Enable (either EE or EF) to be Low
– the Write Enable (W) to be Low with Output
Enable (G) High.
Addresses in Flash array (or EEPROM array) are
latched on the falling edge of W or EF (EE) which-
ever occurs last; the data to be written in Flash
array (EEPROM array) is latched on the rising edge
of W or EF (EE) whichever occurs first.
Specific Read and Write Operations. Device
specific data is accessed through operations de-
coding the VID level applied on A9 and the logic
levels applied on address inputs (A0, A1, A6).
These specific operations are:
– Read the Manufacturer identifier
– Read the Flash identifier
– Define and Read the Flash Block protection
status
– Read the EEPROM identifier
– Write the EEPROM identifier
Note: The OTP row (64 bytes) is accessed with a
specific software sequence detailed in the para-
graph "Write in OTP row".
Instructions
An instruction is defined as a sequence of specific
Write operations. Each received byte or word is
sequentially decoded (and not executed as stand-
ard Write operations) and the instruction is exe-
cuted when the correct number of bytes or word
are properly received and the time between two
consecutive bytes or words is shorter than the
time-out value.
The sequencing of any instruction must be followed
exactly, any invalid combination of instruction bytes
or word or time-out between two consecutive bytes
or word will reset the device logic into a Read
memory state (when addressing the Flash array)
or directly decoded as a single operation when
addressing the EEPROM array.
For efficient decoding of the instruction, the two first
bytes or words of an instruction are the coded
cycles and are followed by a command confirma-
tion byte or word.
AI01698B
WRITE AAh in
Address 5555h
WRITE 55h in
Address 2AAAh
WRITE A0h in
Address 5555h
SDP is set
WRITE AAh in
Address 5555h
WRITE 55h in
Address 2AAAh
WRITE A0h in
Address 5555h
WRITE Data to
be Written in
any Address
SDP ENABLE ALGORITHM
Page
Write
Instruction
Page
Write
Instruction
WRITE
is enabled
SDP
Set
SDP
not Set
Write
in Memory
Write Data
+
SDP Set
after tWC
Figure 4. EEPROM SDP Enable Flowcharts
13/36
M39832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com