Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REG710 Datasheet(PDF) 4 Page - Texas Instruments

Part # REG710
Description  60mA, 5.0V, Buck/Boost Charge Pump in ThinSOT-23 and ThinQFN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REG710 Datasheet(HTML) 4 Page - Texas Instruments

  REG710 Datasheet HTML 1Page - Texas Instruments REG710 Datasheet HTML 2Page - Texas Instruments REG710 Datasheet HTML 3Page - Texas Instruments REG710 Datasheet HTML 4Page - Texas Instruments REG710 Datasheet HTML 5Page - Texas Instruments REG710 Datasheet HTML 6Page - Texas Instruments REG710 Datasheet HTML 7Page - Texas Instruments REG710 Datasheet HTML 8Page - Texas Instruments REG710 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
ELECTRICAL CHARACTERISTICS
REG710
SBAS221F – DECEMBER 2001 – REVISED MARCH 2008............................................................................................................................................... www.ti.com
Boldface limits apply over the specified temperature range, TA = –40°C to +85°C.
At TA = +25°C, VIN = VOUT/2 + 0.75V, IOUT = 10mA, CIN = COUT = 2.2µF, CPUMP = 0.22µF, and VENABLE = 1.3V, unless otherwise
noted.
REG710
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT VOLTAGE
Tested Startup
REG71055
See conditions under Output Voltage with a
3.0
5.5
V
resistive load no lower than typical
REG710-5
2.7
5.5
V
VOUT/IOUT.
All other models
1.8
5.5
V
OUTPUT VOLTAGE
REG71055
IOUT ≤ 10mA, 3.0V ≤ VIN ≤ 5.5V
5.2
5.5
5.8
V
IOUT ≤ 30mA, 3.25V ≤ VIN ≤ 5.5V
5.2
5.5
5.8
V
REG710-5, REG71050
IOUT ≤ 10mA, 2.7V ≤ VIN ≤ 5.5V
4.7
5.0
5.3
V
IOUT ≤ 30mA, 3.0V ≤ VIN ≤ 5.5V
4.7
5.0
5.3
V
IOUT ≤ 60mA, 3.3V ≤ VIN ≤ 4.2V
4.6
5.0
5.4
V
REG710-3.3
IOUT ≤ 10mA, 1.8V ≤ VIN ≤ 5.5V
3.10
3.3
3.50
V
IOUT ≤ 30mA, 2.2V ≤ VIN ≤ 5.5V
3.10
3.3
3.50
V
REG710-3
IOUT ≤ 10mA, 1.8V ≤ VIN ≤ 5.5V
2.82
3.0
3.18
V
IOUT ≤ 30mA, 2.2V ≤ VIN ≤ 5.5V
2.82
3.0
3.18
V
REG710-2.7
IOUT ≤ 10mA, 1.8V ≤ VIN ≤ 5.5V
2.54
2.7
2.86
V
IOUT ≤ 30mA, 2.0V ≤ VIN ≤ 5.5V
2.54
2.7
2.86
V
REG710-2.5
IOUT ≤ 10mA, 1.8V ≤ VIN ≤ 5.5V
2.35
2.5
2.65
V
IOUT ≤ 30mA, 2.0V ≤ VIN ≤ 5.5V
2.35
2.5
2.65
V
OUTPUT CURRENT
Nominal
30
mA
Short-circuit(1)
100
mA
OSCILLATOR FREQUENCY(2)
1.0
MHz
EFFICIENCY(3)
IOUT = 10mA, VIN = 1.8V, REG710-3.3
90
%
RIPPLE VOLTAGE(4)
IOUT = 30mA
35
mVPP
ENABLE CONTROL
VIN = 1.8V to 5.5V
Logic high input voltage
1.3
VIN
V
Logic low input voltage
–0.2
0.4
V
Logic high input current
100
nA
Logic low input current
100
nA
THERMAL SHUTDOWN
Shutdown temperature
160
°C
Shutdown recovery
140
°C
SUPPLY CURRENT
(Quiescent current)
IOUT = 0mA
65
100
µA
In shutdown mode
VIN = 1.8V to 5.5V, Enable = 0V
0.01
1
µA
TEMPERATURE RANGE
Specified ambient temperature
TA
–40
+85
°C
Operating ambient temperature
TA
–55
+125
°C
Storage ambient temperature
TA
–65
+150
°C
Thermal resistance
θ
JA
SOT23-6
200
°C/W
TSOT23-6
220
°C/W
TQFN-6
75
°C/W
(1)
The supply current is twice the output short-circuit current.
(2)
The converter regulates by enabling and disabling periods of switching cycles. The switching frequency is the oscillator frequency during
an active period.
(3)
See efficiency curves for other VIN/VOUT configurations.
(4)
Effective series resistance (ESR) of capacitors is < 0.1
Ω.
4
Submit Documentation Feedback
Copyright © 2001–2008, Texas Instruments Incorporated
Product Folder Link(s): REG710



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com