Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REG710 Datasheet(PDF) 10 Page - Texas Instruments

Part # REG710
Description  60mA, 5.0V, Buck/Boost Charge Pump in ThinSOT-23 and ThinQFN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REG710 Datasheet(HTML) 10 Page - Texas Instruments

Back Button REG710 Datasheet HTML 6Page - Texas Instruments REG710 Datasheet HTML 7Page - Texas Instruments REG710 Datasheet HTML 8Page - Texas Instruments REG710 Datasheet HTML 9Page - Texas Instruments REG710 Datasheet HTML 10Page - Texas Instruments REG710 Datasheet HTML 11Page - Texas Instruments REG710 Datasheet HTML 12Page - Texas Instruments REG710 Datasheet HTML 13Page - Texas Instruments REG710 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
EFFICIENCY
LAYOUT
Efficiency(%)=V
/(2
V )
100
(step-upoperatingmode)
or
(step-downoperatingmode)
OUT
IN
´
´
V
V
OUT
IN
´ 100
V
ENABLE
V
IN
C
IN
GND
C
P
V
OUT
C
OUT
AREA:<0.08sq.inches
REG710
SBAS221F – DECEMBER 2001 – REVISED MARCH 2008............................................................................................................................................... www.ti.com
The efficiency of the charge pump regulator varies
Large transient currents flow in the VIN, VOUT, and
with the output voltage version, the applied input
GND traces. To minimize both input and output
voltage, the load current, and the internal operation
ripple, keep the capacitors as close as possible to the
mode of the device.
regulator using short, direct circuit traces.
The approximate efficiency is given by:
A suggested printed circuit board (PCB) routing is
shown in Figure 21. The trace lengths from the input
and output capacitors have been kept as short as
possible.
Table 2 lists the approximate values of the input
voltage
at
which
the
device
changes
internal
operating mode. See efficiency curves in the Typical
Characteristics section for various loads and input
voltages.
Figure 21. Suggested PCB Design for Minimum
Ripple
Table 2. Operating Mode Change versus VIN
OPERATING MODE
PRODUCT
CHANGES AT VIN OF
REG710-2.5
> 3.2V
REG710-2.7
> 3.4V
REG710-3
> 3.7V
REG710-3.3
> 4.0V
REG710-5, REG71050,
Step-up only
REG71055
10
Submit Documentation Feedback
Copyright © 2001–2008, Texas Instruments Incorporated
Product Folder Link(s): REG710



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com