Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REG710 Datasheet(PDF) 5 Page - Texas Instruments

Part # REG710
Description  60mA, 5.0V, Buck/Boost Charge Pump in ThinSOT-23 and ThinQFN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REG710 Datasheet(HTML) 5 Page - Texas Instruments

  REG710 Datasheet HTML 1Page - Texas Instruments REG710 Datasheet HTML 2Page - Texas Instruments REG710 Datasheet HTML 3Page - Texas Instruments REG710 Datasheet HTML 4Page - Texas Instruments REG710 Datasheet HTML 5Page - Texas Instruments REG710 Datasheet HTML 6Page - Texas Instruments REG710 Datasheet HTML 7Page - Texas Instruments REG710 Datasheet HTML 8Page - Texas Instruments REG710 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
TYPICAL CHARACTERISTICS
LoadCurrent(mA)
90
80
70
60
50
40
30
1
10
100
0.1
V
=V
IN
OUT
V
=2.7V
IN
V
=4.2V
IN
V
=3.6V
IN
V
=3.3V
IN
V
=3V
IN
V
(V)
IN
90
80
70
60
50
40
30
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
1.5
REG710-5,REG71050
REG71055
REG710-3.3
REG710-3
REG710-2.5
REG710-2.7
LoadCurrent(mA)
90
80
70
60
50
40
30
1
10
100
0.1
V
=V
IN
OUT
V
IN
=1.8V
V
IN
=2.2V
LoadCurrent(mA)
90
80
70
60
50
40
30
1
10
100
0.1
V
=VOUT
IN
V
=1.8V
IN
V
=2.2V
IN
LoadCurrent(mA)
80
75
70
65
60
55
50
45
40
35
30
1
10
100
0.1
V
=V
IN
OUT
V
=1.8V
IN
V
=2.2V
IN
LoadCurrent(mA)
80
75
70
65
60
55
50
45
40
35
30
1
10
100
0.1
V
=V
IN
OUT
V
IN
=1.8V
V
=2.2V
IN
REG710
www.ti.com............................................................................................................................................... SBAS221F – DECEMBER 2001 – REVISED MARCH 2008
At TA = +25°C, VIN = VOUT/2 + 0.75V, IOUT = 5mA, CIN = COUT = 2.2µF, CPUMP = 0.22µF, and VENABLE = 1.3V, unless otherwise
noted.
EFFICIENCY vs LOAD CURRENT
EFFICIENCY vs VIN
(REG710-5V, REG71050)
Figure 1.
Figure 2.
EFFICIENCY vs LOAD CURRENT
EFFICIENCY vs LOAD CURRENT
(REG710-3.3V)
(REG710-3V)
Figure 3.
Figure 4.
EFFICIENCY vs LOAD CURRENT
EFFICIENCY vs LOAD CURRENT
(REG710-2.7V)
(REG710-2.5V)
Figure 5.
Figure 6.
Copyright © 2001–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): REG710



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com