Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REG710 Datasheet(PDF) 2 Page - Texas Instruments

Part # REG710
Description  60mA, 5.0V, Buck/Boost Charge Pump in ThinSOT-23 and ThinQFN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REG710 Datasheet(HTML) 2 Page - Texas Instruments

  REG710 Datasheet HTML 1Page - Texas Instruments REG710 Datasheet HTML 2Page - Texas Instruments REG710 Datasheet HTML 3Page - Texas Instruments REG710 Datasheet HTML 4Page - Texas Instruments REG710 Datasheet HTML 5Page - Texas Instruments REG710 Datasheet HTML 6Page - Texas Instruments REG710 Datasheet HTML 7Page - Texas Instruments REG710 Datasheet HTML 8Page - Texas Instruments REG710 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
REG710
SBAS221F – DECEMBER 2001 – REVISED MARCH 2008............................................................................................................................................... www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
SPECIFIED
OUTPUT
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
VOLTAGE
PACKAGE-LEAD
DESIGNATOR
RANGE
MARKING(2)
NUMBER
MEDIA, QUANTITY
5.5V Output
REG71055DDCT
Tape and Reel, 250
REG71055DDC
5.5V
TSOT23-6
DDC
–40
°C to +85°C
R10H
Tape and Reel,
REG71055DDCR
3000
5V Output
REG710NA-5/250
Tape and Reel, 250
REG710NA-5
5.0V
SOT23-6
DBV
–40
°C to +85°C
R10B
Tape and Reel,
REG710NA
−5/3K
3000
REG71050DDCT
Tape and Reel, 250
REG71050DDC
5.0V
TSOT23-6
DDC
–40
°C to +85°C
GAAI
Tape and Reel,
REG71050DDCR
3000
REG71050DRVT
Tape and Reel, 250
REG71050DRV
5.0V
TQFN-6
DRV
–40
°C to +85°C
CFF
Tape and Reel,
REG71050DRVR
3000
3.3V Output
REG710NA-3.3/250
Tape and Reel, 250
REG710NA-3.3
3.3V
SOT23-6
DBV
–40
°C to +85°C
R10C
Tape and Reel,
REG710NA-3.3/3K
3000
3V Output
REG710NA-3/250
Tape and Reel, 250
REG710NA-3
3.0V
SOT23-6
DBV
–40
°C to +85°C
R10D
Tape and Reel,
REG710NA-3/3K
3000
2.7V Output
REG710NA-2.7/250
Tape and Reel, 250
REG710NA-2.7
2.7V
SOT23-6
DBV
–40
°C to +85°C
R10F
Tape and Reel,
REG710NA-2.7/3K
3000
2.5V Output
REG710NA-2.5/250
Tape and Reel, 250
REG710NA-2.5
2.5V
SOT23-6
DBV
–40
°C to +85°C
R10G
Tape and Reel,
REG710NA-2.5/3K
3000
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Voltage is marked on reel. Add on row with the following data: Product: REG71050DRV Output Voltage: 5.0V Package-Lead: TQFN
Package Designator: DRV Specified Temp range: -40C to +85C Package marking: CFF Ordering Number: REG71050DRVT (Tape and
Reel, 250) REG71050DRVR (Tape and Reel, 3000)
REG710
UNIT
Supply voltage
–0.3 to +6.0
V
Enable input
–0.3 to VIN
V
Output short-circuit duration
Indefinite
Operating temperature range
–55 to +125
°C
Storage temperature range
–65 to +150
°C
Junction temperature
–55 to +150
°C
Lead temperature (soldering, 3s)
+240
°C
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
2
Submit Documentation Feedback
Copyright © 2001–2008, Texas Instruments Incorporated
Product Folder Link(s): REG710



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com