Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REG710 Datasheet(PDF) 9 Page - Texas Instruments

Part # REG710
Description  60mA, 5.0V, Buck/Boost Charge Pump in ThinSOT-23 and ThinQFN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REG710 Datasheet(HTML) 9 Page - Texas Instruments

Back Button REG710 Datasheet HTML 5Page - Texas Instruments REG710 Datasheet HTML 6Page - Texas Instruments REG710 Datasheet HTML 7Page - Texas Instruments REG710 Datasheet HTML 8Page - Texas Instruments REG710 Datasheet HTML 9Page - Texas Instruments REG710 Datasheet HTML 10Page - Texas Instruments REG710 Datasheet HTML 11Page - Texas Instruments REG710 Datasheet HTML 12Page - Texas Instruments REG710 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
PROTECTION
SHUTDOWN MODE
V
IN
Enable
V
OUT
GND
REG710
C
IN
2.2mF
C
OUT
2.2mF
C
PUMP
0.22mF
4
6
3
5
1
2
CAPACITOR SELECTION
REG710
www.ti.com............................................................................................................................................... SBAS221F – DECEMBER 2001 – REVISED MARCH 2008
pump capacitors (CIN and CPUMP, respectively) should
also be surface-mount ceramic types. In all cases,
The regulator has thermal shutdown circuitry that
X7R or X5R dielectric are recommended. See the
protects
it
from
damage
caused
by
overload
typical operating circuit shown in Figure 20 for
conditions. The thermal protection circuitry disables
component values.
the output when the junction temperature reaches
approximately +160
°C, allowing the device to cool.
When
the
junction
temperature
cools
to
approximately
+140
°C, the output circuitry is
automatically reenabled. Continuously running the
regulator
into
thermal
shutdown
can
degrade
reliability. The regulator also provides current limit to
protect itself and the load.
A control pin on the regulator can be used to place
the device into an energy-saving shutdown mode. In
this mode, the output is disconnected from the input
as long as VIN is greater than or equal to minimum
VIN and the input quiescent current is reduced to 1µA
maximum.
Figure 20. Typical Operating Circuit
With light loads or higher input voltage, a smaller
0.1
µF pump capacitor (C
PUMP) and smaller 1µF input
For minimum output voltage ripple,
the
output
and output capacitors (CIN and COUT, respectively)
capacitor COUT should be a ceramic, surface-mount
can be used. To minimize output voltage ripple,
type. Tantalum capacitors generally have a higher
increase the output capacitor, COUT, to 10µF or
effective series resistance (ESR) and may contribute
larger.
to higher output voltage ripple. Leaded capacitors
also increase ripple due to the higher inductance of
The capacitors listed in Table 1 can be used with the
the package itself. To achieve best operation with low
REG710. This table is only a representative list of
input voltage and high load current, the input and
parts that are compatible.
Table 1. Suggested Capacitors
RATED
DIELECTRIC
PACKAGE
WORKING
MANUFACTURER
PART NUMBER
VALUE
TOLERANCE
MATERIAL
SIZE
VOLTAGE
C1206C255K8RAC
2.2
µF
±10%
X7R
1206
10V
Kemet
C1206C224K8RAC
0.22
µF
±10%
X7R
1206
10V
ECJ
−2YBOJ225K
2.2
µF
±10%
X5R
805
6.3V
Panasonic
ECJ
−2VBIC224K
0.22
µF
±10%
X7R
805
16V
ECJ
−2VBIC104
0.1
µF
±10%
X7R
805
16V
EMK316BJ225KL
2.2
µF
±10%
X7R
1206
16V
Taiyo Yuden
TKM316BJ224KF
0.22
µF
±10%
X7R
1206
25V
Copyright © 2001–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): REG710



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com