Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REG710 Datasheet(PDF) 15 Page - Texas Instruments

Part # REG710
Description  60mA, 5.0V, Buck/Boost Charge Pump in ThinSOT-23 and ThinQFN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REG710 Datasheet(HTML) 15 Page - Texas Instruments

Back Button REG710 Datasheet HTML 11Page - Texas Instruments REG710 Datasheet HTML 12Page - Texas Instruments REG710 Datasheet HTML 13Page - Texas Instruments REG710 Datasheet HTML 14Page - Texas Instruments REG710 Datasheet HTML 15Page - Texas Instruments REG710 Datasheet HTML 16Page - Texas Instruments REG710 Datasheet HTML 17Page - Texas Instruments REG710 Datasheet HTML 18Page - Texas Instruments REG710 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0 (mm)
B0 (mm)
K0 (mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
REG71050DDCR
SOT
DDC
6
3000
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
REG71050DDCR
SOT
DDC
6
3000
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
REG71050DDCT
SOT
DDC
6
250
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
REG71050DDCT
SOT
DDC
6
250
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
REG71050DRVR
SON
DRV
6
3000
330.0
12.4
2.2
2.2
1.1
8.0
12.0
Q2
REG71050DRVT
SON
DRV
6
250
180.0
12.4
2.2
2.2
1.1
8.0
12.0
Q2
REG71055DDCR
SOT
DDC
6
3000
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
REG71055DDCR
SOT
DDC
6
3000
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
REG71055DDCT
SOT
DDC
6
250
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
REG710NA-2.5/250
SOT-23
DBV
6
250
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
REG710NA-2.5/3K
SOT-23
DBV
6
3000
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
REG710NA-2.7/250
SOT-23
DBV
6
250
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
REG710NA-3.3/250
SOT-23
DBV
6
250
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
REG710NA-3.3/3K
SOT-23
DBV
6
3000
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
REG710NA-3/250
SOT-23
DBV
6
250
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
REG710NA-3/3K
SOT-23
DBV
6
3000
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
REG710NA-5/250
SOT-23
DBV
6
250
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
REG710NA-5/250
SOT-23
DBV
6
250
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
PACKAGE MATERIALS INFORMATION
www.ti.com
9-Aug-2008
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com