Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

29W040 Datasheet(PDF) 9 Page - STMicroelectronics

Part # 29W040
Description  4 Mbit 512Kb x8, Uniform Block Low Voltage Single Supply Flash Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

29W040 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button 29W040 Datasheet HTML 5Page - STMicroelectronics 29W040 Datasheet HTML 6Page - STMicroelectronics 29W040 Datasheet HTML 7Page - STMicroelectronics 29W040 Datasheet HTML 8Page - STMicroelectronics 29W040 Datasheet HTML 9Page - STMicroelectronics 29W040 Datasheet HTML 10Page - STMicroelectronics 29W040 Datasheet HTML 11Page - STMicroelectronics 29W040 Datasheet HTML 12Page - STMicroelectronics 29W040 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
AI01417
3V
0V
1.5V
Figure 4. AC Testing Input Output Waveform
AI01968
0.8V
OUT
CL = 30pF or 100pF
CL includes JIG capacitance
3.3k
Ω
1N914
DEVICE
UNDER
TEST
Figure 5. AC Testing Load Circuit
Symbol
Parameter
Test Condition
Min
Max
Unit
CIN
Input Capacitance
VIN =0V
6
pF
COUT
Output Capacitance
VOUT =0V
12
pF
Note: 1. Sampled only, not 100% tested.
Table 10. Capacitance (1) (TA =25
°C, f = 1 MHz )
Input Rise and Fall Times
≤ 10ns
Input Pulse Voltages
0 to 3V
Input and Output Timing Ref. Voltages
1.5V
Table 9. AC Measurement Conditions
Symbol
Parameter
Test Condition
Min
Max
Unit
ILI
Input Leakage Current
0V
≤ VIN ≤ VCC
±1
µA
ILO
Output Leakage Current
0V
≤ VOUT ≤ VCC
±1
µA
ICC1
Supply Current (Read)
E = VIL,G = VIH, f = 6MHz
20
mA
ICC2
Supply Current (Standby) TTL
E = VIH
0.2
mA
ICC3
Supply Current (Standby) CMOS
E = VCC
± 0.2V
50
µA
ICC4
Supply Current (Program or Erase)
Byte Program,
Block Erase
20
mA
ICC5
Supply Current
Chip Erase in progress
40
mA
ICC6
Power Down Current
E = VCC
± 0.2V
5
µA
VIL
Input Low Voltage
–0.5
0.8
V
VIH
Input High Voltage
0.7 VCC
VCC + 0.5
V
VOL
Output Low Voltage
IOL = 2mA
0.45
V
VOH
Output High Voltage CMOS
IOH = –100
µAVCC –0.4
V
IOH = –2.0mA
0.85 VCC
V
VID
A9 Voltage (Electronic Signature)
11.5
12.5
V
IID
A9 Current (Electronic Signature)
A9 = VID
50
µA
VLKO
Supply Voltage (Erase and
Program lock-out)
1.9
2.2
V
Table 11. DC Characteristics
(TA = 0 to 70
°C, –20 to 85°C or –40 to 85°C; VCC = 2.7V to 3.6V)
9/31
M29W040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com