Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

29W040 Datasheet(PDF) 22 Page - STMicroelectronics

Part # 29W040
Description  4 Mbit 512Kb x8, Uniform Block Low Voltage Single Supply Flash Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

29W040 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button 29W040 Datasheet HTML 18Page - STMicroelectronics 29W040 Datasheet HTML 19Page - STMicroelectronics 29W040 Datasheet HTML 20Page - STMicroelectronics 29W040 Datasheet HTML 21Page - STMicroelectronics 29W040 Datasheet HTML 22Page - STMicroelectronics 29W040 Datasheet HTML 23Page - STMicroelectronics 29W040 Datasheet HTML 24Page - STMicroelectronics 29W040 Datasheet HTML 25Page - STMicroelectronics 29W040 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
READ DQ5 & DQ7
at VALID ADDRESS
START
READ DQ7
FAIL
PASS
AI01369
DQ7
=
DATA
YES
NO
YES
NO
DQ5
=1
DQ7
=
DATA
YES
NO
Figure 10. Data Polling Flowchart
READ
DQ5 & DQ6
START
READ DQ6
FAIL
PASS
AI01370
DQ6
=
TOGGLE
NO
NO
YES
YES
DQ5
=1
NO
YES
DQ6
=
TOGGLE
Figure 11. Data Toggle Flowchart
Parameter
M29W040
Unit
Min
Typ
Max
Chip Program (Byte)
6
sec
Chip Erase (Preprogrammed)
2.5
30
sec
Chip Erase
8.5
sec
Block Erase (Preprogrammed)
1.5
30
sec
Block Erase
2
sec
Byte Program
12
2200
µs
Program/Erase Cycles (per Block)
100,000
cycles
Table 16. Program, Erase Times and Program, Erase Endurance Cycles
(TA = 0 to 70
°C; VCC = 2.7V to 3.6V)
22/31
M29W040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com