Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

29W040 Datasheet(PDF) 20 Page - STMicroelectronics

Part # 29W040
Description  4 Mbit 512Kb x8, Uniform Block Low Voltage Single Supply Flash Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

29W040 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button 29W040 Datasheet HTML 16Page - STMicroelectronics 29W040 Datasheet HTML 17Page - STMicroelectronics 29W040 Datasheet HTML 18Page - STMicroelectronics 29W040 Datasheet HTML 19Page - STMicroelectronics 29W040 Datasheet HTML 20Page - STMicroelectronics 29W040 Datasheet HTML 21Page - STMicroelectronics 29W040 Datasheet HTML 22Page - STMicroelectronics 29W040 Datasheet HTML 23Page - STMicroelectronics 29W040 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
Symbol
Alt
Parameter
M29W040
Unit
-150
-200
VCC = 2.7V to 3.6V
VCC = 2.7V to 3.6V
Min
Max
Min
Max
tWHQ7V1
(2)
Write Enable High to DQ7 Valid
(Program, W Controlled)
12
12
µs
tWHQ7V2
(2)
Write Enable High to DQ7 Valid
(Block Erase, W Controlled)
1.5
30
1.5
30
sec
tEHQ7V1
(2)
Chip Enable High to DQ7 Valid
(Program, E Controlled)
12
12
µs
tEHQ7V2
(2)
Chip Enable High to DQ7 Valid
(Block Erase, E Controlled)
1.5
30
1.5
30
sec
tQ7VQV
Q7 Valid to Output Valid (Data Polling)
55
70
ns
tWHQV1
Write Enable High to Output Valid
(Program)
12
12
µs
tWHQV2
Write Enable High to Output Valid
(Block Erase)
1.5
30
1.5
30
sec
tEHQV1
Chip Enable High to Output Valid
(Program)
12
12
µs
tEHQV2
Chip Enable High to Output Valid
(Block Erase)
1.5
30
1.5
30
sec
Notes: 1. All other timings are defined in Read AC Characteristics table.
2. tWHQ7V is the Program or Erase time.
Table 15B. Data Polling and Toggle Bit AC Characteristics (1)
(TA = 0 to 70
°C, –20 to 85°C or –40 to 85°C)
20/31
M29W040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com