Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

29W040 Datasheet(PDF) 26 Page - STMicroelectronics

Part # 29W040
Description  4 Mbit 512Kb x8, Uniform Block Low Voltage Single Supply Flash Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

29W040 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button 29W040 Datasheet HTML 22Page - STMicroelectronics 29W040 Datasheet HTML 23Page - STMicroelectronics 29W040 Datasheet HTML 24Page - STMicroelectronics 29W040 Datasheet HTML 25Page - STMicroelectronics 29W040 Datasheet HTML 26Page - STMicroelectronics 29W040 Datasheet HTML 27Page - STMicroelectronics 29W040 Datasheet HTML 28Page - STMicroelectronics 29W040 Datasheet HTML 29Page - STMicroelectronics 29W040 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
ORDERING INFORMATION SCHEME
Note: 1. This speed is obtained with a supply voltage range of VCC = 3.3V
± 0.3V and a load capacitance at 30pF.
M29W040 is replaced by the new version M29W040B
Device are shipped from the factory with the memory content erased (to FFh).
For a list of available options(Speed, Package, etc...) or for further information on any aspect of this device,
please contact the STMicroelectronics Sales Office nearest to you.
Operating Voltage
W
2.7V to 3.6V
Speed
-100
(1)
100ns
-120
120ns
-150
150ns
-200
200ns
Package
K
PLCC32
N
TSOP32
8 x 20mm
NZ
TSOP32
8 x 14mm
Temp. Range
1
0 to 70
°C
5
–20 to 85
°C
6
–40 to 85
°C
Option
R
Reverse
Pinout
TR
Tape & Reel
Packing
Example:
M29W040
-120
N
1
TR
26/31
M29W040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com