Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

29W040 Datasheet(PDF) 16 Page - STMicroelectronics

Part # 29W040
Description  4 Mbit 512Kb x8, Uniform Block Low Voltage Single Supply Flash Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

29W040 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button 29W040 Datasheet HTML 12Page - STMicroelectronics 29W040 Datasheet HTML 13Page - STMicroelectronics 29W040 Datasheet HTML 14Page - STMicroelectronics 29W040 Datasheet HTML 15Page - STMicroelectronics 29W040 Datasheet HTML 16Page - STMicroelectronics 29W040 Datasheet HTML 17Page - STMicroelectronics 29W040 Datasheet HTML 18Page - STMicroelectronics 29W040 Datasheet HTML 19Page - STMicroelectronics 29W040 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
Symbol
Alt
Parameter
M29W040
Unit
-100
-120
VCC = 3.3V
±0.3V
CL = 30pF
VCC = 3.3V
±0.3V
Min
Max
Min
Max
tAVAV
tWC
Address Valid to Next Address Valid
100
120
ns
tWLEL
tWS
Write Enable Low to Chip Enable Low
0
0
ns
tELEH
tCP
Chip Enable Low to Chip Enable High
45
50
ns
tDVEH
tDS
Input Valid to Chip Enable High
45
50
ns
tEHDX
tDH
Chip Enable High to Input Transition
0
0
ns
tEHWH
tWH
Chip Enable High to Write Enable High
0
0
ns
tEHEL
tCPH
Chip Enable High to Chip Enable Low
25
30
ns
tAVEL
tAS
Address Valid to Chip Enable Low
0
0
ns
tELAX
tAH
Chip Enable Low to Address Transition
45
50
ns
tGHEL
Output Enable High Chip Enable Low
0
0
ns
tVCHWL
tVCS
VCC High to Write Enable Low
50
50
µs
tEHQV1
(1)
Chip Enable High to Output Valid (Program)
12
12
µs
tEHQV2
(1)
Chip Enable High to Output Valid
(Block Erase)
1.5
30
1.5
30
sec
tEHGL
tOEH
Chip Enable High to Output Enable Low
0
0
ns
Note: 1. Time is measured to Data Polling or Toggle Bit, tWHQV =tWHQ7V +tQ7VQV.
Table 14A. Write AC Characteristics, Chip Enable Controlled
(TA = 0 to 70
°C, –20 to 85°C or –40 to 85°C)
Power Up
The memory Command Interface is reset on power
up to Read Array. Either E or W must be tied to VIH
during Power-up to allow maximum security and
the possibility to write a command on the first rising
adge of E or W. Any write cycle initiation is blocked
when VCC is below VLKO.
Supply Rails
Normal precautions must be taken for supply volt-
age decoupling, each device in a system should
have the VCC rail decoupledwith a 1.0
µF capacitor
close to the VCC and VSS pins. The PCB trace
widths should be sufficient to carry the VCC pro-
gram and erase currents required.
16/31
M29W040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com