Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

29W040 Datasheet(PDF) 14 Page - STMicroelectronics

Part # 29W040
Description  4 Mbit 512Kb x8, Uniform Block Low Voltage Single Supply Flash Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

29W040 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button 29W040 Datasheet HTML 10Page - STMicroelectronics 29W040 Datasheet HTML 11Page - STMicroelectronics 29W040 Datasheet HTML 12Page - STMicroelectronics 29W040 Datasheet HTML 13Page - STMicroelectronics 29W040 Datasheet HTML 14Page - STMicroelectronics 29W040 Datasheet HTML 15Page - STMicroelectronics 29W040 Datasheet HTML 16Page - STMicroelectronics 29W040 Datasheet HTML 17Page - STMicroelectronics 29W040 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
Symbol
Alt
Parameter
M29W040
Unit
-150
-200
VCC = 2.7V to 3.6V
VCC = 2.7V to 3.6V
Min
Max
Min
Max
tAVAV
tWC
Address Valid to Next Address Valid
150
200
ns
tELWL
tCS
Chip Enable Low to Write Enable Low
0
0
ns
tWLWH
tWP
Write Enable Low to Write Enable High
65
80
ns
tDVWH
tDS
Input Valid to Write Enable High
65
80
ns
tWHDX
tDH
Write Enable High to Input Transition
0
0
ns
tWHEH
tCH
Write Enable High to Chip Enable High
0
0
ns
tWHWL
tWPH Write Enable High to Write Enable Low
35
35
ns
tAVWL
tAS
Address Valid to Write Enable Low
0
0
ns
tWLAX
tAH
Write Enable Low to Address Transition
65
65
ns
tGHWL
Output Enable High to Write Enable Low
0
0
ns
tVCHEL
tVCS
VCC High to Chip Enable Low
50
50
µs
tWHQV1
(1)
Write Enable High to Output Valid (Program)
12
12
µs
tWHQV2
(1)
Write Enable High to Output Valid
(Block Erase)
1.5
30
1.5
30
sec
tWHGL
tOEH
Write Enable High to Output Enable Low
0
0
ns
Note: 1. Time is measured to Data Polling or Toggle Bit, tWHQV =tWHQ7V +tQ7VQV.
Table 13B. Write AC Characteristics, Write Enable Controlled
(TA = 0 to 70
°C, –20 to 85°C or –40 to 85°C)
Block Erase (BE) instruction. This instruction
uses a minimum of six write cycles. The Erase
Set-up command 80h is written to address 5555h
on third cycle after the two coded cycles. The Block
Erase Confirm command 30h is written on sixth
cycle after another two coded cycles. During the
input of the second command an address within
the block to be erased is given and latched into the
memory. Additional Block Erase confirm com-
mands and block addresses can be written sub-
sequently to erase other blocks in parallel, without
further coded cycles. The erase will start after the
Erase timeout period (see Erase Timer Bit DQ3
description). Thus, additional Block Erase com-
mands must be given within this delay. The input of
a newBlock Erase command will restart the timeout
period. The status of the internal timer can be
monitored through the level of DQ3, if DQ3 is ’0’ the
Block Erase Command has been given and the
timeout is running, if DQ3 is ’1’, the timeout has
expired and the P/E.C is erasing the block(s).
During Erase timeout, any command different from
30h will abort the instruction and reset the device
to read array mode. It is not necessary to program
the block with 00h as the P/E.C. will do this auto-
matically before erasing to FFh. Read operations
after the sixth rising edge of W or E output the
status register bits.
During the execution of the erase by the P/E.C.,the
memory accepts only the ES (Erase Suspend) and
RST (Reset) instructions. Data Polling bit DQ7
returns ’0’ while the erasure is in progress and ’1’
when it has completed.The Toggle Bit DQ6 toggles
during the erase operation. It stops when erase is
completed. After completion the Status Register
bit DQ5 returns ’1’ if there has been an Erase
Failure because erasure has not completed even
after the maximum number of erase cycles have
been executed. In this case, it will be necessary to
input a Reset (RST) to the command interface in
order to reset the P/E.C.
14/31
M29W040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com