Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T59MH Datasheet(PDF) 7 Page - STMicroelectronics

Part # M48T59MH
Description  64 Kbit 8Kb x8 TIMEKEEPER SRAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T59MH Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M48T59MH Datasheet HTML 3Page - STMicroelectronics M48T59MH Datasheet HTML 4Page - STMicroelectronics M48T59MH Datasheet HTML 5Page - STMicroelectronics M48T59MH Datasheet HTML 6Page - STMicroelectronics M48T59MH Datasheet HTML 7Page - STMicroelectronics M48T59MH Datasheet HTML 8Page - STMicroelectronics M48T59MH Datasheet HTML 9Page - STMicroelectronics M48T59MH Datasheet HTML 10Page - STMicroelectronics M48T59MH Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7/21
M48T59, M48T59Y, M48T59V
Table 10. Write Mode AC Characteristics
(TA = 0 to 70 °C or –40 to 85 °C; VCC = 4.75V to 5.5V or 4.5V to 5.5V or 3.0V to 3.6V)
Note: 1. CL = 5pF (see Fig 4).
2. If E goes low simultaneously with W going low, the outputs remain in the high impedance state.
Symbol
Parameter
M48T59/M48T59Y/M48T59V
Unit
-70
Min
Max
tAVAV
Write Cycle Time
70
ns
tAVWL
Address Valid to Write Enable Low
0
ns
tAVEL
Address Valid to Chip Enable Low
0
ns
tWLWH
Write Enable Pulse Width
50
ns
tELEH
Chip Enable Low to Chip Enable High
55
ns
tWHAX
Write Enable High to Address Transition
0
ns
tEHAX
Chip Enable High to Address Transition
0
ns
tDVWH
Input Valid to Write Enable High
30
ns
tDVEH
Input Valid to Chip Enable High
30
ns
tWHDX
Write Enable High to Input Transition
5
ns
tEHDX
Chip Enable High to Input Transition
5
ns
tWLQZ
(1, 2)
Write Enable Low to Output Hi-Z
25
ns
tAVWH
Address Valid to Write Enable High
60
ns
tAVE1H
Address Valid to Chip Enable High
60
ns
tWHQX
(1, 2)
Write Enable High to Output Transition
5
ns
The eight clock bytes are not the actual clock
counters themselves; they are memory locations
consisting of BiPORT™ read/write memory cells.
The M48T59/59Y/59V includes a clock control cir-
cuit which updates the clock bytes with current in-
formation once per second. The information can
be accessed by the user in the same manner as
any other location in the static memory array.
The M48T59/59Y/59V also has its own Power-fail
Detect circuit. The control circuitry constantly mon-
itors the single 5V supply for an out of tolerance
condition. When VCC is out of tolerance, the circuit
write protects the SRAM, providing a high degree
of data security in the midst of unpredictable sys-
tem operation brought on by low VCC. As VCC falls
below approximately 3V, the control circuitry con-
nects the battery which maintains data and clock
operation until valid power returns.
READ MODE
The M48T59/59Y/59V is in the Read Mode when-
ever W (Write Enable) is high and E (Chip Enable)
is low. The unique address specified by the 13 Ad-
dress Inputs defines which one of the 8,192 bytes
of data is to be accessed. Valid data will be avail-
able at the Data I/O pins within Address Access
time (tAVQV) after the last address input signal is
stable, providing that the E and G access times
are also satisfied. If the E and G access times are
not met, valid data will be available after the latter
of the Chip Enable Access time (tELQV) or Output
Enable Access time (tGLQV).
The state of the eight three-state Data I/O signals
is controlled by E and G. If the outputs are activat-
ed before tAVQV, the data lines will be driven to an
indeterminate state until tAVQV. If the Address In-
puts are changed while E and G remain active,
output data will remain valid for Output Data Hold
time (tAXQX) but will go indeterminate until the next
Address Access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com