Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T59MH Datasheet(PDF) 6 Page - STMicroelectronics

Part # M48T59MH
Description  64 Kbit 8Kb x8 TIMEKEEPER SRAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T59MH Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M48T59MH Datasheet HTML 2Page - STMicroelectronics M48T59MH Datasheet HTML 3Page - STMicroelectronics M48T59MH Datasheet HTML 4Page - STMicroelectronics M48T59MH Datasheet HTML 5Page - STMicroelectronics M48T59MH Datasheet HTML 6Page - STMicroelectronics M48T59MH Datasheet HTML 7Page - STMicroelectronics M48T59MH Datasheet HTML 8Page - STMicroelectronics M48T59MH Datasheet HTML 9Page - STMicroelectronics M48T59MH Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
M48T59, M48T59Y, M48T59V
6/21
Table 9. Read Mode AC Characteristics
(TA = 0 to 70 °C or –40 to 85 °C; VCC = 4.75V to 5.5V or 4.5V to 5.5V or 3.0V to 3.6V)
Note: 1. CL = 100pF (see Fig 4).
2. CL = 5pF (see Fig 4).
Symbol
Parameter
M48T59/M48T59Y/M48T59V
Unit
-70
Min
Max
tAVAV
Read Cycle Time
70
ns
tAVQV
(1)
Address Valid to Output Valid
70
ns
tELQV
(1)
Chip Enable Low to Output Valid
70
ns
tGLQV
(1)
Output Enable Low to Output Valid
35
ns
tELQX
(2)
Chip Enable Low to Output Transition
5
ns
tGLQX
(2)
Output Enable Low to Output Transition
5
ns
tEHQZ
(2)
Chip Enable High to Output Hi-Z
25
ns
tGHQZ
(2)
Output Enable High to Output Hi-Z
25
ns
tAXQX
(1)
Address Transition to Output Transition
10
ns
Figure 6. Read Mode AC Waveforms.
Note: Write Enable (W) = High.
AI01385
tAVAV
tAVQV
tAXQX
tELQV
tELQX
tEHQZ
tGLQV
tGLQX
tGHQZ
VALID
A0-A12
E
G
DQ0-DQ7
VALID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com