Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T59MH Datasheet(PDF) 1 Page - STMicroelectronics

Part # M48T59MH
Description  64 Kbit 8Kb x8 TIMEKEEPER SRAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T59MH Datasheet(HTML) 1 Page - STMicroelectronics

  M48T59MH Datasheet HTML 1Page - STMicroelectronics M48T59MH Datasheet HTML 2Page - STMicroelectronics M48T59MH Datasheet HTML 3Page - STMicroelectronics M48T59MH Datasheet HTML 4Page - STMicroelectronics M48T59MH Datasheet HTML 5Page - STMicroelectronics M48T59MH Datasheet HTML 6Page - STMicroelectronics M48T59MH Datasheet HTML 7Page - STMicroelectronics M48T59MH Datasheet HTML 8Page - STMicroelectronics M48T59MH Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1/21
PRELIMINARY DATA
October 1999
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
M48T59
M48T59Y/M48T59V
64 Kbit (8Kb x8) TIMEKEEPER® SRAM
s
INTEGRATED ULTRA LOW POWER SRAM,
REAL TIME CLOCK, POWER-FAIL CONTROL
CIRCUIT and BATTERY
s
FREQUENCY TEST OUTPUT for REAL TIME
CLOCK SOFTWARE CALIBRATION
s
AUTOMATIC POWER-FAIL CHIP DESELECT
and WRITE PROTECTION
s
WRITE PROTECT VOLTAGES
(VPFD = Power-fail Deselect Voltage):
– M48T59: 4.5V
≤ VPFD ≤ 4.75V
– M48T59Y: 4.2V
≤ VPFD ≤ 4.5V
– M48T59V: 2.7V
≤ VPFD ≤ 3.0V
s
SELF-CONTAINED BATTERY and CRYSTAL
in the CAPHAT DIP PACKAGE
s
PACKAGING INCLUDES a 28-LEAD SOIC and
SNAPHAT® TOP
(to be Ordered Separately)
s
SOIC PACKAGE PROVIDES DIRECT
CONNECTION for a SNAPHAT TOP which
CONTAINS the BATTERY and CRYSTAL
s
MICROPROCESSOR POWER-ON RESET
(Valid even during battery back-up mode)
s
PROGRAMMABLE ALARM OUTPUT ACTIVE
in the BATTERY BACK-UP MODE
s
BATTERY LOW FLAG
Figure 1. Logic Diagram
AI01380E
13
A0-A12
W
DQ0-DQ7
VCC
M48T59
M48T59Y
M48T59V
G
VSS
8
E
RST
IRQ/FT
Table 1. Signal Names
A0-A12
Address Inputs
DQ0-DQ7
Data Inputs / Outputs
IRQ/FT
Interrupt / Frequency Test
Output (Open Drain)
RST
Power Fail Reset Output
(Open Drain)
E
Chip Enable
G
Output Enable
W
Write Enable
VCC
Supply Voltage
VSS
Ground
28
1
28
1
SOH28 (MH)
SNAPHAT (SH)
Battery/Crytstal
PCDIP28 (PC)
Battery/Crystal
CAPHAT


Similar Part No. - M48T59MH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T59 STMICROELECTRONICS-M48T59 Datasheet
378Kb / 32P
5.0 or 3.3 V, 64 Kbit (8 Kbit x 8) TIMEKEEPER짰 SRAM
01-Apr-2008
M48T59-70MH1 STMICROELECTRONICS-M48T59-70MH1 Datasheet
378Kb / 32P
5.0 or 3.3 V, 64 Kbit (8 Kbit x 8) TIMEKEEPER짰 SRAM
01-Apr-2008
M48T59-70MH1E STMICROELECTRONICS-M48T59-70MH1E Datasheet
378Kb / 32P
5.0 or 3.3 V, 64 Kbit (8 Kbit x 8) TIMEKEEPER짰 SRAM
01-Apr-2008
M48T59-70MH1F STMICROELECTRONICS-M48T59-70MH1F Datasheet
378Kb / 32P
5.0 or 3.3 V, 64 Kbit (8 Kbit x 8) TIMEKEEPER짰 SRAM
01-Apr-2008
M48T59-70PC1 STMICROELECTRONICS-M48T59-70PC1 Datasheet
378Kb / 32P
5.0 or 3.3 V, 64 Kbit (8 Kbit x 8) TIMEKEEPER짰 SRAM
01-Apr-2008
More results

Similar Description - M48T59MH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28C64C STMICROELECTRONICS-M28C64C Datasheet
100Kb / 15P
64 Kbit 8Kb x8 Parallel EEPROM
Feb-1999
M48T02 STMICROELECTRONICS-M48T02 Datasheet
94Kb / 15P
16 Kbit 2Kb x8 TIMEKEEPER[ SRAM
Nov-1998
M48T35 STMICROELECTRONICS-M48T35 Datasheet
142Kb / 18P
256 Kbit 32Kb x8 TIMEKEEPER SRAM
07-Feb-2000
M48T35AY STMICROELECTRONICS-M48T35AY Datasheet
148Kb / 19P
256 Kbit 32Kb x8 TIMEKEEPER SRAM
29-May-2000
M48T37Y STMICROELECTRONICS-M48T37Y Datasheet
511Kb / 29P
3.3V-5V 256 Kbit 32Kb x8 TIMEKEEPER SRAM
Rev 6.0
M48T559Y STMICROELECTRONICS-M48T559Y Datasheet
147Kb / 18P
64 Kbit 8Kb x8 TIMEKEEPER SRAM with ADDRESS/DATA MULTIPLEXED
07-Feb-2000
M48T58 STMICROELECTRONICS-M48T58 Datasheet
135Kb / 17P
64 Kbit 8Kb x8 TIMEKEEPER SRAM
Jul-1999
M48Z08 STMICROELECTRONICS-M48Z08 Datasheet
141Kb / 18P
64 Kbit 8Kb x 8 ZEROPOWER SRAM
Mar-1999
M48Z58 STMICROELECTRONICS-M48Z58 Datasheet
133Kb / 17P
64 Kbit 8Kb x 8 ZEROPOWER SRAM
Mar-1999
M27C64A STMICROELECTRONICS-M27C64A_06 Datasheet
181Kb / 22P
64 Kbit (8Kb x8) UV EPROM and OTP EPROM
06-Apr-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com