Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T59MH Datasheet(PDF) 10 Page - STMicroelectronics

Part # M48T59MH
Description  64 Kbit 8Kb x8 TIMEKEEPER SRAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T59MH Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M48T59MH Datasheet HTML 6Page - STMicroelectronics M48T59MH Datasheet HTML 7Page - STMicroelectronics M48T59MH Datasheet HTML 8Page - STMicroelectronics M48T59MH Datasheet HTML 9Page - STMicroelectronics M48T59MH Datasheet HTML 10Page - STMicroelectronics M48T59MH Datasheet HTML 11Page - STMicroelectronics M48T59MH Datasheet HTML 12Page - STMicroelectronics M48T59MH Datasheet HTML 13Page - STMicroelectronics M48T59MH Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
M48T59, M48T59Y, M48T59V
10/21
condition reset will not occur unless the addresses
are stable at the flag location for at least 15ns
while the divice is in the read mode as shown in
Figure 11.
The IRQ/FT pin is an open drain output and re-
quires a pull-up resistor (10k
Ω recommended) to
VCC. The pin remains in the high impedance state
unless an interrupt occurs or the frequency test
mode is enabled.
CLOCK OPERATIONS
Reading the Clock
Updates to the TIMEKEEPER registers should be
halted before clock data is read to prevent reading
data in transition. Because the BiPORT TIME-
KEEPER cells in the RAM array are only data reg-
isters, and not the actual clock counters, updating
the registers can be halted without disturbing the
clock itself.
Updating is halted when a ’1’ is written to the
READ bit, D6 in the Control register (1FF8h). As
long as a ’1’ remains in that position, updating is
halted.
After a halt is issued, the registers reflect the
count; that is, the day, date, and the time that were
current at the moment the halt command was is-
sued.
All of the TIMEKEEPER registers are updated si-
multaneously. A halt will not interrupt an update in
progress. Updating is within a second after the bit
is reset to a ’0’.
Setting the Clock
Bit D7 of the Control register (1FF8h) is the
WRITE bit. Setting the WRITE bit to a ’1’, like the
READ bit, halts updates to the TIMEKEEPER reg-
during the time the device is sampling VCC. There-
fore, decoupling of the power supply lines is rec-
ommended.
When VCC drops below VSO, the control circuit
switches power to the internal battery which pre-
serves data and powers the clock. The internal
button cell will maintain data in the M48T59/59Y/
59V for an accumulated period of at least 7 years
when VCC is less than VSO. As system power re-
turns and VCC rises above VSO, the battery is dis-
connected, and the power supply is switched to
external VCC. Deselect continues for tREC after
VCC reaches VPFD (max).
For more information on Battery Storage Life refer
to the Application Note AN1012.
POWER-ON RESET
The M48T59/59Y/59V continuously monitors VCC.
When VCC falls to the power fail detect trip point,
the RST pulls low (open drain) and remains low on
power-up for 40ms to 200ms after VCC passes
VPFD. RST is valid for all VCC conditions. The RST
pin is an open drain output and an appropriate re-
sistor to VCC should be chosen to control rise time.
PROGRAMMABLE INTERRUPTS
The M48T59/59Y/59V provides two programma-
ble interrupts; an alarm and a watchdog. When an
interrupt condition occurs, the M48T59/59Y/59V
sets the appropriate flag bit in the flag register
1FF0h. The interrupt enable bits in (AFE and ABE)
in 1FF6h and the Watchdog Steering (WDS) bit in
1FF7h allow the interrupt to activate the IRQ/FT
pin.
The interrupt flags and the IRQ/FT output are
cleared by a read to the flags register. An interrupt
Figure 9. Clock Calibration
AI00594B
NORMAL
POSITIVE
CALIBRATION
NEGATIVE
CALIBRATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com