Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T59MH Datasheet(PDF) 11 Page - STMicroelectronics

Part # M48T59MH
Description  64 Kbit 8Kb x8 TIMEKEEPER SRAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T59MH Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M48T59MH Datasheet HTML 7Page - STMicroelectronics M48T59MH Datasheet HTML 8Page - STMicroelectronics M48T59MH Datasheet HTML 9Page - STMicroelectronics M48T59MH Datasheet HTML 10Page - STMicroelectronics M48T59MH Datasheet HTML 11Page - STMicroelectronics M48T59MH Datasheet HTML 12Page - STMicroelectronics M48T59MH Datasheet HTML 13Page - STMicroelectronics M48T59MH Datasheet HTML 14Page - STMicroelectronics M48T59MH Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11/21
M48T59, M48T59Y, M48T59V
Figure 10. Crystal Accuracy Across Temperature
AI00999
–160
0
10203040506070
Frequency (ppm)
Temperature
°C
80
–10
–20
–30
–40
–100
–120
–140
–40
–60
–80
20
0
–20
∆F
= -0.038
(T - T
0)
2
± 10%
F
ppm
C
2
T
0 = 25 °C
isters. The user can then load them with the cor-
rect day, date, and time data in 24 hour BCD
format (see Table 12). Resetting the WRITE bit to
a ’0’ then transfers the values of all time registers
(1FF9h-1FFFh)
to
the
actual
TIMEKEEPER
counters and allows normal operation to resume.
After the WRITE bit is reset, the next clock update
will occur within approximately one second.
See the Application Note AN923 "TIMEKEEPER
rolling into the 21st century" for information on
Century Rollover.
Note: Upon power-up following a power failure,
both the WRITE bit and the READ bit will be reset
to ‘0’.
Stopping and Starting the Oscillator
The oscillator may be stopped at any time. If the
device is going to spend a significant amount of
time on the shelf, the oscillator can be turned off to
minimize current drain on the battery. The STOP
bit is the MSB of the seconds register. Setting it to
a '1' stops the oscillator. The M48T59/59Y/59V in
the
DIP
package,
is
shipped
from
STMicroelectronics with the STOP bit set to a '1'.
When reset to a '0', the M48T59/59Y/59V oscilla-
tor starts within one second.
Note: It is not necessary to set the WRITE bit
when setting or resetting the FREQUENCY TEST
bit (FT), the STOP bit (ST) or the CENTURY EN-
ABLE bit (CEB).
Calibrating the Clock
The M48T59/59Y/59V is driven by a quartz con-
trolled oscillator with a nominal frequency of
32,768Hz. The devices are tested not to exceed
35 ppm (parts per million) oscillator frequency er-
ror at 25°C, which equates to about ±1.53 minutes
per month. With the calibration bits properly set,
the accuracy of each M48T59/59Y/59V improves
to better than +1/–2 ppm at 25°C.
The oscillation rate of any crystal changes with
temperature (see Figure 10). Most clock chips
compensate for crystal frequency and tempera-
ture shift error with cumbersome trim capacitors.
The M48T59/59Y/59V design, however, employs
periodic counter correction. The calibration circuit
adds or subtracts counts from the oscillator divider
circuit at the divide by 256 stage, as shown in Fig-
ure 9. The number of times pulses are blanked
(subtracted, negative calibration) or split (added,
positive calibration) depends upon the value load-
ed into the five bit Calibration byte found in the
Control Register. Adding counts speeds the clock
up, subtracting counts slows the clock down.
The Calibration byte occupies the five lower order
bits (D4-D0) in the Control register (1FF8h). These
bits can be set to represent any value between 0
and 31 in binary form. Bit D5 is a Sign bit; '1' indi-
cates positive calibration, '0' indicates negative
calibration. Calibration occurs within a 64 minute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com