Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T59MH Datasheet(PDF) 16 Page - STMicroelectronics

Part # M48T59MH
Description  64 Kbit 8Kb x8 TIMEKEEPER SRAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T59MH Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M48T59MH Datasheet HTML 12Page - STMicroelectronics M48T59MH Datasheet HTML 13Page - STMicroelectronics M48T59MH Datasheet HTML 14Page - STMicroelectronics M48T59MH Datasheet HTML 15Page - STMicroelectronics M48T59MH Datasheet HTML 16Page - STMicroelectronics M48T59MH Datasheet HTML 17Page - STMicroelectronics M48T59MH Datasheet HTML 18Page - STMicroelectronics M48T59MH Datasheet HTML 19Page - STMicroelectronics M48T59MH Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
M48T59, M48T59Y, M48T59V
16/21
Table 14. Ordering Information Scheme
Note: 1. The M48T59 part is offered with the PCDIP28 (i.e. CAPHAT) package only.
2. The SOIC package (SOH28) requires the battery/crystal package (SNAPHAT) which is ordered separately under the part number
"M4TXX-BR12SH1" in plastic tube or "M4TXX-BR12SH1TR" in Tape & Reel form.
3. Available in SOIC package only.
Caution: Do not place the SNAPHAT battery/crystal package "M4TXX-BR12SH1" in conductive foam since will drain the lithium button-
cell battery.
For a list of available options (Speed, Package, etc...) or for further information on any aspect of this de-
vice, please contact the ST Sales Office nearest to you.
Example:
M48T59Y
-70 MH
1
TR
Device Type
M48T
Supply Voltage and Write Protect Voltage
59 (1) = VCC = 4.75V to 5.5V; VPFD = 4.5V to 5.5V
59Y = VCC = 4.5V to 5.5V; VPFD = 4.2V to 4.5V
59V = VCC = 3.0V to 3.6V; VPFD = 2.7V to 3.0V
Speed
-70 = 70ns
Package
PC = PCDIP28
MH (2) = SOH28
Temperature Range
1 = 0 to 70 °C
6 (3) = –40 to 85 °C
Shipping Method for SOIC
blank = Tubes
TR = Tape & Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com