Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4909IQT Datasheet(PDF) 11 Page - STMicroelectronics

Part # TS4909IQT
Description  Dual mode low power 150mW stereo headphone amplifier with capacitor-less and single-ended outputs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4909IQT Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TS4909IQT Datasheet HTML 7Page - STMicroelectronics TS4909IQT Datasheet HTML 8Page - STMicroelectronics TS4909IQT Datasheet HTML 9Page - STMicroelectronics TS4909IQT Datasheet HTML 10Page - STMicroelectronics TS4909IQT Datasheet HTML 11Page - STMicroelectronics TS4909IQT Datasheet HTML 12Page - STMicroelectronics TS4909IQT Datasheet HTML 13Page - STMicroelectronics TS4909IQT Datasheet HTML 14Page - STMicroelectronics TS4909IQT Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
TS4909
Electrical characteristics
11/32
Figure 14.
THD+N vs. output power
Figure 15.
THD+N vs. output power
1E-3
0.01
0.1
1E-3
0.01
0.1
1
10
Vcc=3V
Vcc=2.6V
Single Ended
F=1kHz, RL=32
Ω
Av=-1, Tamb=25°C
BW=20Hz-120kHz
Output Power (mW)
Vcc=5V
0.2
1E-3
0.01
0.1
0.01
0.1
1
10
Vcc=3V
Vcc=2.6V
Single Ended
F=20kHz, RL=32
Ω
Av=-1, Tamb=25°C
BW=20Hz-120kHz
Output Power (mW)
Vcc=5V
0.2
Figure 16.
THD+N vs. output power
Figure 17.
THD+N vs. output power
1E-3
0.01
0.1
1E-3
0.01
0.1
1
10
Vcc=3V
Vcc=2.6V
Phantom Ground
F=1kHz, RL=16
Ω
Av=-4, Tamb=25°C
BW=20Hz-120kHz
Output Power (mW)
Vcc=5V
0.2
1E-3
0.01
0.1
0.01
0.1
1
10
Vcc=3V
Vcc=2.6V
Phantom Ground
F=20kHz, RL=16
Ω
Av=-4, Tamb=25°C
BW=20Hz-120kHz
Output Power (mW)
Vcc=5V
0.2
Figure 18.
THD+N vs. output power
Figure 19.
THD+N vs. output power
1E-3
0.01
0.1
1E-3
0.01
0.1
1
10
Vcc=3V
Vcc=2.6V
Phantom Ground
F=1kHz, RL=32
Ω
Av=-4, Tamb=25°C
BW=20Hz-120kHz
Output Power (mW)
Vcc=5V
0.2
1E-3
0.01
0.1
0.01
0.1
1
10
Vcc=3V
Vcc=2.6V
Phantom Ground
F=20kHz, RL=32
Ω
Av=-4, Tamb=25°C
BW=20Hz-120kHz
Output Power (mW)
Vcc=5V
0.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com