Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4909IQT Datasheet(PDF) 26 Page - STMicroelectronics

Part # TS4909IQT
Description  Dual mode low power 150mW stereo headphone amplifier with capacitor-less and single-ended outputs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4909IQT Datasheet(HTML) 26 Page - STMicroelectronics

Back Button TS4909IQT Datasheet HTML 22Page - STMicroelectronics TS4909IQT Datasheet HTML 23Page - STMicroelectronics TS4909IQT Datasheet HTML 24Page - STMicroelectronics TS4909IQT Datasheet HTML 25Page - STMicroelectronics TS4909IQT Datasheet HTML 26Page - STMicroelectronics TS4909IQT Datasheet HTML 27Page - STMicroelectronics TS4909IQT Datasheet HTML 28Page - STMicroelectronics TS4909IQT Datasheet HTML 29Page - STMicroelectronics TS4909IQT Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
Application information
TS4909
26/32
The efficiency is the ratio between the output power and the power supply:
The maximum theoretical value is reached when VPEAK = VCC/2, so:
4.4.3
Total power dissipation
The TS4909 is a stereo (dual channel) amplifier. It has two independent power amplifiers.
Each amplifier produces heat due to its power dissipation. Therefore the maximum die
temperature is the sum of each amplifier’s maximum power dissipation. It is calculated as
follows:
●
Pdiss 1 = power dissipation due to the first channel power amplifier (Vout1).
●
Pdiss 2 = power dissipation due to the second channel power amplifier (Vout2).
●
Total Pdiss =Pdiss 1 +Pdiss 2 (W)
In most cases, Pdiss 1 = Pdiss 2, giving:
Single-ended configuration:
Phantom ground configuration:
4.5
Decoupling of the circuit
Two capacitors are needed to properly bypass the TS4909 — a power supply capacitor Cs
and a bias voltage bypass capacitor Cb.
Cs has a strong influence on the THD+N at high frequencies (above 7kHz) and indirectly on
the power supply disturbances. With 1
μF, you could expect the THD+N performance to be
similar to the values shown in this datasheet. If Cs is lower than 1 μF, THD+N increases at
high frequencies and disturbances on the power supply rail are less filtered. On the contrary,
if Cs is higher than 1 μF, those disturbances on the power supply rail are more filtered.
Cb has an influence on THD+N at lower frequencies, but its value is critical on the final result
of PSRR with inputs grounded in lower frequencies:
●
If Cb is lower than 1 μF, THD+N increases at lower frequencies and the PSRR worsens
(increases).
●
If Cb is higher than 1 μF, the benefit on THD+N and PSRR in the lower frequency range
is small.
η
P
OUT
P
supply
-------------------
πV
PEAK
4V
CC
---------------------
==
η
π
8
---
39.25%
==
TotalP
diss
2P
diss1
2P
diss2
==
TotalP
diss
22VCC
π R
L
---------------------- P
OUT
2P
OUT
–
=
TotalP
diss
42VCC
π R
L
---------------------- P
OUT
2P
OUT
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com