Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4909IQT Datasheet(PDF) 23 Page - STMicroelectronics

Part # TS4909IQT
Description  Dual mode low power 150mW stereo headphone amplifier with capacitor-less and single-ended outputs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4909IQT Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TS4909IQT Datasheet HTML 19Page - STMicroelectronics TS4909IQT Datasheet HTML 20Page - STMicroelectronics TS4909IQT Datasheet HTML 21Page - STMicroelectronics TS4909IQT Datasheet HTML 22Page - STMicroelectronics TS4909IQT Datasheet HTML 23Page - STMicroelectronics TS4909IQT Datasheet HTML 24Page - STMicroelectronics TS4909IQT Datasheet HTML 25Page - STMicroelectronics TS4909IQT Datasheet HTML 26Page - STMicroelectronics TS4909IQT Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
TS4909
Application information
23/32
Lower cut-off frequency
The lower cut-off frequency FCL of the TS4909 depends on input capacitors Cin1,2. In the
single-ended configuration, FCL depends on output capacitors Cout1,2 as well.
The input capacitor Cin in series with the input resistor Rin of the amplifier is equivalent to a
first-order high-pass filter. Assuming that FCL is the lowest frequency to be amplified (with a
3dB attenuation), the minimum value of Cin is:
In the single-ended configuration, the capacitor Cout in series with the load resistor RL is
equivalent to a first-order high-pass filter. Assuming that FCL is the lowest frequency to be
amplified (with a 3dB attenuation), the minimum value of Cout is:
Note:
If FCL is kept the same for calculation purposes, it must be taken in account that the 1st-
order high-pass filter on the input and the 1st-order high-pass filter on the output create a
2nd-order high-pass filter in the audio signal path with an attenuation 6dB on FCL and a roll-
off of 40db
⁄ decade.
4.3
Gain using the typical application schematics
In the flat region (no Cin effect), the output voltage of a channel is:
The gain AV is:
Note:
The configuration (either single-ended or phantom ground) has no effect on the value of the
gain.
C
in
1
2
π F
CL
R
in
⋅⋅
----------------------------------------
=
C
out
1
2
π F
CL
R
L
⋅⋅
--------------------------------------
=
Figure 78.
Lower cut-off frequency vs. input
capacitor
Figure 79.
Lower cut-off frequency vs. output
capacitor
1
10
100
1000
10
100
1k
10k
Rin=50k
Ω
Rin=100k
Ω
Rin=20k
Ω
Cin (nF)
Rin=10k
Ω
0.1
1
10
100
1000
10
100
1k
10k
R
L
=32
Ω
R
L
=300
Ω
R
L
=600
Ω
R
L
=16
Ω
Cout
(
μF)
V
OUT
V
IN
R
feed
R
in
--------------
–
⎝⎠
⎛⎞
⋅
V
IN
A
V
⋅
==
A
V
R
feed
R
in
--------------
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com