Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4909IQT Datasheet(PDF) 15 Page - STMicroelectronics

Part # TS4909IQT
Description  Dual mode low power 150mW stereo headphone amplifier with capacitor-less and single-ended outputs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4909IQT Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TS4909IQT Datasheet HTML 11Page - STMicroelectronics TS4909IQT Datasheet HTML 12Page - STMicroelectronics TS4909IQT Datasheet HTML 13Page - STMicroelectronics TS4909IQT Datasheet HTML 14Page - STMicroelectronics TS4909IQT Datasheet HTML 15Page - STMicroelectronics TS4909IQT Datasheet HTML 16Page - STMicroelectronics TS4909IQT Datasheet HTML 17Page - STMicroelectronics TS4909IQT Datasheet HTML 18Page - STMicroelectronics TS4909IQT Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
TS4909
Electrical characteristics
15/32
Figure 38.
Output power vs. load resistance
Figure 39.
Output power vs. load resistance
16
32
48
64
80
96
0
20
40
60
80
THD+N=10%
Phantom Ground
Vcc=3V, F=1kHz
Av=-1, T
AMB
=25°C
BW=20Hz-120kHz
Load Resistance (
Ω)
THD+N=1%
16
32
48
64
80
96
0
20
40
60
80
THD+N=10%
Single Ended
Vcc=3V, F=1kHz
Av=-1, T
AMB
=25°C
BW=20Hz-120kHz
Load Resistance (
Ω)
THD+N=1%
Figure 40.
Output power vs. load resistance
Figure 41.
Output power vs. load resistance
16
32
48
64
80
96
0
50
100
150
200
THD+N=10%
Phantom Ground
Vcc=5V, F=1kHz
Av=-1, T
AMB
=25°C
BW=20Hz-120kHz
Load Resistance (
Ω)
THD+N=1%
16
32
48
64
80
96
0
50
100
150
200
THD+N=10%
Single Ended
Vcc=5V, F=1kHz
Av=-1, T
AMB
=25°C
BW=20Hz-120kHz
Load Resistance (
Ω)
THD+N=1%
Figure 42.
Power dissipation vs. output power Figure 43.
Power dissipation vs. output power
0
5
10
15
20
25
30
35
40
0
10
20
30
40
50
60
70
80
RL=32
Ω
RL=16
Ω
Phantom Ground
Vcc=2.6V, F=1kHz
THD+N<1%
Output Power (mW)
0
5
10
15
20
25
30
35
40
0
5
10
15
20
25
30
RL=32
Ω
RL=16
Ω
Single Ended
Vcc=2.6V, F=1kHz
THD+N<1%
Output Power (mW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com