Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4909IQT Datasheet(PDF) 21 Page - STMicroelectronics

Part # TS4909IQT
Description  Dual mode low power 150mW stereo headphone amplifier with capacitor-less and single-ended outputs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4909IQT Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TS4909IQT Datasheet HTML 17Page - STMicroelectronics TS4909IQT Datasheet HTML 18Page - STMicroelectronics TS4909IQT Datasheet HTML 19Page - STMicroelectronics TS4909IQT Datasheet HTML 20Page - STMicroelectronics TS4909IQT Datasheet HTML 21Page - STMicroelectronics TS4909IQT Datasheet HTML 22Page - STMicroelectronics TS4909IQT Datasheet HTML 23Page - STMicroelectronics TS4909IQT Datasheet HTML 24Page - STMicroelectronics TS4909IQT Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
TS4909
Electrical characteristics
21/32
Figure 74.
Current consumption vs. standby
voltage
Figure 75.
Current consumption vs. standby
voltage
Figure 76.
Power derating curves
0.0
0.5
1.0
1.5
2.0
4
5
0
2
4
6
8
T
AMB
=-40°C
T
AMB
=25°C
T
AMB
=85°C
Phantom ground
V
CC
=5V
Standby Voltage (V)
0.0
0.5
1.0
1.5
2.0
4
5
0
2
4
6
8
T
AMB
=-40°C
T
AMB
=25°C
T
AMB
=85°C
Single ended
V
CC
=5V
Standby Voltage (V)
0
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
No Heat sink
Mounted on a 4-layer PCB
Ambiant Temperature
(
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com