Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4909IQT Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS4909IQT
Description  Dual mode low power 150mW stereo headphone amplifier with capacitor-less and single-ended outputs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4909IQT Datasheet(HTML) 5 Page - STMicroelectronics

  TS4909IQT Datasheet HTML 1Page - STMicroelectronics TS4909IQT Datasheet HTML 2Page - STMicroelectronics TS4909IQT Datasheet HTML 3Page - STMicroelectronics TS4909IQT Datasheet HTML 4Page - STMicroelectronics TS4909IQT Datasheet HTML 5Page - STMicroelectronics TS4909IQT Datasheet HTML 6Page - STMicroelectronics TS4909IQT Datasheet HTML 7Page - STMicroelectronics TS4909IQT Datasheet HTML 8Page - STMicroelectronics TS4909IQT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
TS4909
Electrical characteristics
5/32
3
Electrical characteristics
Table 4.
Electrical characteristics at VCC = +5V with GND = 0V and Tamb = 25°C
(unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ. Max. Unit
ICC
Supply current
No input signal, no load, single-ended
No input signal, no load, phantom ground
2.1
3.1
3.2
4.8
mA
ISTBY
Standby
current
No input signal, RL=32Ω
10
1000
nA
Pout
Output power
THD+N = 1% max, F = 1kHz, RL = 32Ω, single-ended
THD+N = 1% max, F = 1kHz, RL = 16Ω, single-ended
THD+N = 1% max, F = 1kHz, RL = 32Ω, phantom ground
THD+N = 1% max, F = 1kHz, RL = 16Ω, phantom ground
60
95
60
95
88
158
85
150
mW
THD+N
Total
harmonic
distortion +
noise
(Av=-1)
RL = 32Ω, Pout = 60mW, 20Hz ≤ F ≤ 20kHz, single-ended
RL = 16Ω, Pout = 90mW, 20Hz ≤ F ≤ 20kHz, single-ended
RL = 32Ω, Pout = 60mW, 20Hz ≤ F ≤ 20kHz, phantom ground
RL = 16Ω, Pout = 90mW, 20Hz ≤ F ≤ 20kHz, phantom ground
0.3
0.3
0.3
0.3
%
PSRR
Power supply
rejection ratio
Inputs grounded(1), Av =-1, RL>=16Ω, Cb=1μF, F = 217Hz,
Vripple =200mVpp
Single-ended output referenced to phantom ground
Single-ended output referenced to ground
66
61
72
67
dB
Iout
Max output
current
THD +N
≤ 1%, RL = 16Ω connected between out and VCC/2
140
mA
VO
Output swing
VOL: RL = 32Ω
VOH: RL = 32Ω
VOL: RL = 16Ω
VOH: RL = 16Ω
4.39
4.17
0.14
4.75
0.25
4.55
0.47
0.69
V
SNR
Signal-to-
noise ratio
A-weighted, Av=-1, RL = 32Ω, THD +N < 0.4%,
20Hz
≤ F ≤20kHz
Single-ended
Phantom ground
104
105
dB
Cross-
talk
Channel
separation
RL = 32Ω, Av=-1, phantom ground
F = 1kHz
F = 20Hz to 20kHz
RL = 32Ω, Av=-1, single-ended
F = 1kHz
F = 20Hz to 20kHz
-73
-68
-110
-90
dB
VOO
Output offset
voltage
Phantom ground configuration, floating inputs, Rfeed=22KΩ
520
mV
tWU
Wake-up time
Phantom ground configuration
Single-ended configuration
50
100
80
160
ms
1.
Guaranteed by design and evaluation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com