Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIB40 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # PCIB40
Description  40-Ch Digital I/O & Counter Board
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PCIB40 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button PCIB40 Datasheet HTML 6Page - List of Unclassifed Manufacturers PCIB40 Datasheet HTML 7Page - List of Unclassifed Manufacturers PCIB40 Datasheet HTML 8Page - List of Unclassifed Manufacturers PCIB40 Datasheet HTML 9Page - List of Unclassifed Manufacturers PCIB40 Datasheet HTML 10Page - List of Unclassifed Manufacturers PCIB40 Datasheet HTML 11Page - List of Unclassifed Manufacturers PCIB40 Datasheet HTML 12Page - List of Unclassifed Manufacturers PCIB40 Datasheet HTML 13Page - List of Unclassifed Manufacturers PCIB40 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
D-50 Output Connector (PL2) Pin Assignments
The pin assignments are listed with the pin number of the D-50 connector and also the pin number
when a 50-way IDC ribbon cable is connected to the D-50. The pin assignments conform to the
Arcom Signal Conditioning System (SCS) and may be connected to an external Signal
Conditioning Board.
10
J206 PCIB40 Technical Manual
2192-09066-000-000
Ribbon Cable No.
D-50 Pin No.
Function
Alternative Function
1
1
34
3
2
4
5
6
7
8
9
10
11
12
13
14
15
18
2
35
19
3
36
20
4
37
21
5
38
22
0V
Counter 1 Output (LK4)
Counter 2 Output (LK3)
Counter 1 Gate Input
Counter 1 Clock Input
Counter 2 Gate Input
Counter 2 Clock Input
0V
Group 0 - Bit 0
Group 0 - Bit 1
Group 0 - Bit 2
Group 0 - Bit 3
Group 0 - Bit 4
Group 0 - Bit 5
Group 0 - Bit 6
Group 0 - Bit 7
0V
Group 4 - Bit 0
Group 1 - Bit 0
Group 1 - Bit 1
Group 1 - Bit 2
16
6
Group 1 - Bit 3
17
39
Group 1 - Bit 4
18
23
Group 1 - Bit 5
19
7
Group 1 - Bit 6
20
40
Group 1 - Bit 7
21
24
0V
22
8
Group 4 - Bit 1
23
41
Group 2 - Bit 0
24
25
Group 2 - Bit 1
25
9
Group 2 - Bit 2
26
42
Group 2 - Bit 3
27
26
10
43
27
11
44
28
12
45
29
13
46
30
39
38
37
36
35
34
33
32
31
30
29
28
Group 2 - Bit 4
Group 2 - Bit 5
Group 2 - Bit 6
Group 2 - Bit 7
0V
Group 3 - Bit 0
Group 3 - Bit 1
Group 3 - Bit 2
Group 3 - Bit 3
Group 3 - Bit 4
Group 3 - Bit 5
Group 3 - Bit 6
14
40
Group 3 - Bit 7
47
41
0V
31
42
Group 4 - Bit 3
15
43
Group 4 - Bit 4
48
44
Group 4 - Bit 5
32
45
Group 4 - Bit 6
16
46
Group 4 - Bit 7
49
47
-12V
33
48
+12V
17
49
+5V
50
50
+5V
Group 4 - Bit 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com