Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIB40 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # PCIB40
Description  40-Ch Digital I/O & Counter Board
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PCIB40 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button PCIB40 Datasheet HTML 3Page - List of Unclassifed Manufacturers PCIB40 Datasheet HTML 4Page - List of Unclassifed Manufacturers PCIB40 Datasheet HTML 5Page - List of Unclassifed Manufacturers PCIB40 Datasheet HTML 6Page - List of Unclassifed Manufacturers PCIB40 Datasheet HTML 7Page - List of Unclassifed Manufacturers PCIB40 Datasheet HTML 8Page - List of Unclassifed Manufacturers PCIB40 Datasheet HTML 9Page - List of Unclassifed Manufacturers PCIB40 Datasheet HTML 10Page - List of Unclassifed Manufacturers PCIB40 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
2192-09066-000-000
J206 PCIB40 Technical Manual
7
Links
Throughout this section a ‘+’ indicates a default link.
Default Link Position Diagram
LK23
LK24
LK14
LK13
LK22
LK12
LK21
LK11
LK20
LK10
A
B
A
B
A
B
A
B A
B A
B A
B A
B A
B A
B
LK1B
LK3
LK4
IRQ2
IRQ3
IRQ7
IRQ4
IRQ5
Base Address Select
Links LKA1-9
The base address of the PCIB40 is set using the link area shown below:
Note: When a link is fitted the address line is decoded as a ‘1’ and when the link is omitted the
address line is decoded as a ‘0’.
The default address is set to 180h
Link
LKA9
A9
LKA8
A8
LKA7
LKA6
LKA5
LKA4
LKA3
LKA2
LKA1
A7
A6
A5
A4
A3
A2
A1
Address Line
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com