Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIB40 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # PCIB40
Description  40-Ch Digital I/O & Counter Board
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PCIB40 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button PCIB40 Datasheet HTML 7Page - List of Unclassifed Manufacturers PCIB40 Datasheet HTML 8Page - List of Unclassifed Manufacturers PCIB40 Datasheet HTML 9Page - List of Unclassifed Manufacturers PCIB40 Datasheet HTML 10Page - List of Unclassifed Manufacturers PCIB40 Datasheet HTML 11Page - List of Unclassifed Manufacturers PCIB40 Datasheet HTML 12Page - List of Unclassifed Manufacturers PCIB40 Datasheet HTML 13Page - List of Unclassifed Manufacturers PCIB40 Datasheet HTML 14Page - List of Unclassifed Manufacturers PCIB40 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Installation for CE Compliance
To maintain compliance with the requirements of the EMC Directive (89/336/EEC), this product
must be correctly installed. The PC in which the board is housed must be CE compliant as
declared by the PC manufacturer. The type of external I/O cable can be chosen according to the
notes below:
1.
Remove the cover of the PC observing any additional instructions of the PC manufacturer
2.
Locate the board in a spare ISA slot and press gently but firmly into place
3.
Ensure that the metal bracket attached to the board is fully seated
4.
Fit the bracket clamping screw and firmly tighten this on the bracket
NOTE: Good contact of the bracket to chassis is essential
5.
Replace the cover of the PC observing any additional instructions of the PC manufacturer
Cable
Cable length 1Metre or less
:
Ribbon cable satisfactory
Cable length 1M to 3M
:
Commercial screened cable gives the protection required
Longer cable or noisy environment :
Use
fully
screened
cable
with
metal
backshells
e.g. Arcom CAB50CE
The following standards have been applied to this product:
BS EN50081-1: 1992 Generic Emissions Standard, Residential, Commercial, Light Industry
BS EN50082-1: 1992 Generic Immunity Standard, Residential, Commercial, Light Industry
BS EN55022 : 1995 ITE Emissions, Class B, Limits and Methods
11
2192-09066-000-000
J206 PCIB40 Technical Manual



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com