Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIB40 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # PCIB40
Description  40-Ch Digital I/O & Counter Board
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PCIB40 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  PCIB40 Datasheet HTML 1Page - List of Unclassifed Manufacturers PCIB40 Datasheet HTML 2Page - List of Unclassifed Manufacturers PCIB40 Datasheet HTML 3Page - List of Unclassifed Manufacturers PCIB40 Datasheet HTML 4Page - List of Unclassifed Manufacturers PCIB40 Datasheet HTML 5Page - List of Unclassifed Manufacturers PCIB40 Datasheet HTML 6Page - List of Unclassifed Manufacturers PCIB40 Datasheet HTML 7Page - List of Unclassifed Manufacturers PCIB40 Datasheet HTML 8Page - List of Unclassifed Manufacturers PCIB40 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
2192-09066-000-000
Counter Timers
The PCIB40 includes three programmable 16-bit counter/timers. Counter 0 may be driven by either
a 10KHz, 100KHz or 1MHz clock and can be used to generate regular interrupts. An interrupt is
generated only when the counter 0 output goes to a ‘1’.
The input and gate control signals of counters 1 and 2 are connected as inputs from the D-50 while
the counter outputs are linkable to the D-50 connector. Counter inputs 1 and 2 may be used for
frequency or pulse measurement and the outputs used for pulse generation. Refer to the link
section and pin assignments table for connection details.
I/O map
The value written to the pointer register is used to select the on-board I/O location to be accessed.
This board occupies two consecutive addresses and has nine I/O function registers and three
special function registers.
The board must be set on an even address boundary. (i.e. 180h, 182h, 200h etc.)
I/O Function Registers
* A copy of the 8254 (71054) data sheet may be obtained from our Customer Support team (Tel: 01223 412 428)
J206 PCIB40 Technical Manual
5
Address
Base (180h)
Write Only
Pointer Register
On-board register
(e.g. 80h)
Base+1 (181H)
Read/Write
Data Register
Data to Read/Write
from/to register
Read/write
Register Name
Register Function
Pointer Value
(hex)
00
Write
Read
Write
Read
Write
Read
Write
Read
Write
Read
Read/Write
Read/Write
Read/Write
Write
Output Control Latches Group 0
Bit 0-7
0= Output ‘0’
1= Output ‘1’
0= Input ‘0’
1= Input ‘1’
0= Output ‘0’
1= Output ‘1’
0= Input ‘0’
1= Input ‘1’
0= Output ‘0’
1= Output ‘1’
0= Input ‘0’
1= Input ‘1’
0= Output ‘0’
1= Output ‘1’
0= Input ‘0’
1= Input ‘1’
0= Output ‘0’
1= Output ‘1’
0= Input ‘0’
1= Input ‘1’
See data sheet 8254*
See data sheet 8254*
See data sheet 8254*
See data sheet 8254*
Bit 0-7
Bit 0-7
Bit 0-7
Bit 0-7
Bit 0-7
Bit 0-7
Bit 0-7
Bit 0-7
Bit 0-7
Bit 0-7
Bit 0-7
Bit 0-7
Bit 0-7
Status of Group 0
Output Control Latches Group 1
Status of Group 1
Output Control Latches Group 2
Status of Group 2
Output Control Latches Group 3
Status of Group 3
Output Control Latches Group 4
Status of Group 4
Not Used
Counter/timer 0 Access
Counter/timer 1 Access
Counter/timer 2 Access
Counter/Timer Control Word
00
01
01
02
02
03
03
04
04
05 - 0F
10
11
12
13
Read/Write
Pointer Name
Pointer Bit
Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com