Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIB40 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # PCIB40
Description  40-Ch Digital I/O & Counter Board
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PCIB40 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button PCIB40 Datasheet HTML 2Page - List of Unclassifed Manufacturers PCIB40 Datasheet HTML 3Page - List of Unclassifed Manufacturers PCIB40 Datasheet HTML 4Page - List of Unclassifed Manufacturers PCIB40 Datasheet HTML 5Page - List of Unclassifed Manufacturers PCIB40 Datasheet HTML 6Page - List of Unclassifed Manufacturers PCIB40 Datasheet HTML 7Page - List of Unclassifed Manufacturers PCIB40 Datasheet HTML 8Page - List of Unclassifed Manufacturers PCIB40 Datasheet HTML 9Page - List of Unclassifed Manufacturers PCIB40 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
2192-09066-000-000
J206 PCIB40 Technical Manual
6
Special Function Registers
The green User LED is controlled by bit 0 when the pointer register is loaded with 80h.The board
identification register can be used to confirm that the board is present in the system and is the
correct board type. Other PCbus I/O boards in Arcom’s range will return a different value.
Read/Write
Functions
Pointer Bit
Pointer Name
Pointer Value
(hex)
Write
1=LED ON
0=LED OFF
Bit 0
Only
User LED Control
80
Read
Always 00
for the PCIB40
Bit 0-7
Board Identification
81
Write
0=Disabled
1=Enabled
Bit 0
Only
Output Enable Control
90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com