Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIB40 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # PCIB40
Description  40-Ch Digital I/O & Counter Board
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PCIB40 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button PCIB40 Datasheet HTML 4Page - List of Unclassifed Manufacturers PCIB40 Datasheet HTML 5Page - List of Unclassifed Manufacturers PCIB40 Datasheet HTML 6Page - List of Unclassifed Manufacturers PCIB40 Datasheet HTML 7Page - List of Unclassifed Manufacturers PCIB40 Datasheet HTML 8Page - List of Unclassifed Manufacturers PCIB40 Datasheet HTML 9Page - List of Unclassifed Manufacturers PCIB40 Datasheet HTML 10Page - List of Unclassifed Manufacturers PCIB40 Datasheet HTML 11Page - List of Unclassifed Manufacturers PCIB40 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
2192-09066-000-000
J206 PCIB40 Technical Manual
8
Link 1 Counter 0 Clock Frequency Select
The clock input for counter 0 can be connected to an on-board clock generator operating at either
10KHz, 100KHz or 1MHz. This is set using LK1A/B/C.
Links 10-14 Power-Up Output State
These links are used to select the power-up state of the five groups of I/O channels. For more
information see page 4.
Links 20-24 Power-up control
Select whether the output buffer is always enabled or controlled by software. If you are configuring
the board for known boot up state then the group must be software enabled. If link B is fitted the
output state cannot be determined (‘don’t care’ state) at power up or reset.
Link IRQ2-5 & 7 Interrupt select
The output of counter 0 can be used to generate an interrupt on either IRQ 2,3,4,5 or 7.
NOTE: A PC must be configured with only one interrupt source for each interrupt line. Check your
PC configuration before selecting the interrupt signal. If you are not using the interrupt facility, it is
recommended that the jumper is not fitted.
LK20
Position A Group 0 Outputs enabled by ‘software’
Position B Group 0 Outputs always enabled after power on/reset
LK21
Position A Group 1 Outputs enabled by ‘software’
Position B Group 1 Outputs always enabled after power on/reset
LK22
Position A Group 2 Outputs enabled by ‘software’
Position B Group 2 Outputs always enabled after power on/reset
LK23
Position A Group 3 Outputs enabled by ‘software’
Position B Group 3 Outputs always enabled after power on/reset
LK24
Position A Group 4 Outputs enabled by ‘software’
Position B Group 4 Outputs always enabled after power on/reset
LK1A
Clock input = 1MHz
Clock input = 100KHz
Clock input = 10KHz
LK1B
LK1C
IRQ2
Timer interrupt on IRQ2
Timer interrupt on IRQ3
Timer interrupt on IRQ4
Timer interrupt on IRQ5
Timer interrupt on IRQ7
IRQ3
IRQ4
IRQ5
IRQ7
LK10
Position A for Group 0 outputs set to ‘1’
Position B for Group 0 outputs reset to ‘0’
LK11
Position A for Group 1 outputs set to ‘1’
Position B for Group 1 outputs reset to ‘0’
LK12
Position A for Group 2 outputs set to ‘1’
Position B for Group 2 outputs reset to ‘0’
LK13
Position A for Group 3 outputs set to ‘1’
Position B for Group 3 outputs reset to ‘0’
LK14
Position A for Group outputs 4 set to ‘1’
Position B for Group outputs 4 reset to ‘0’
+
+
+
+
+
+
+
+
+
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com