Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P05-AVMP6TP Datasheet(PDF) 49 Page - Numonyx B.V

Part # M25P05-AVMP6TP
Description  512-Kbit, serial flash memory, 50 MHz SPI bus interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25P05-AVMP6TP Datasheet(HTML) 49 Page - Numonyx B.V

Back Button M25P05-AVMP6TP Datasheet HTML 44Page - Numonyx B.V M25P05-AVMP6TP Datasheet HTML 45Page - Numonyx B.V M25P05-AVMP6TP Datasheet HTML 46Page - Numonyx B.V M25P05-AVMP6TP Datasheet HTML 47Page - Numonyx B.V M25P05-AVMP6TP Datasheet HTML 48Page - Numonyx B.V M25P05-AVMP6TP Datasheet HTML 49Page - Numonyx B.V M25P05-AVMP6TP Datasheet HTML 50Page - Numonyx B.V M25P05-AVMP6TP Datasheet HTML 51Page - Numonyx B.V M25P05-AVMP6TP Datasheet HTML 52Page - Numonyx B.V  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
M25P05-A
Ordering information
49/52
12
Ordering information
Note:
For a list of available options (speed, package, etc.) or for further information on any aspect
of this device, please contact your nearest Numonyx sales office.
Table 22.
Ordering information scheme
Example:
M25P05-A
V MN 6 T
P
Device type
M25P
Device function
05-A = 512 Kbits (64 Kbit x8)
Operating voltage
V = VCC = 2.3 to 3.6 V
Package
MN = SO8 (150 mil width)
MP = VFQFPN8 (MLP8)
DW = TSSOP8(1)
1.
The TSSOP8 package is available in products with process technology code X and Y (details of how to
find the process on the device marking are given in application note AN1995).
MB = UFDFPN8 (MLP8)
Temperature range
6 = –40 to 85 °C
Option
blank = standard packing
T = tape & reel packing
Plating technology
P or G = ECOPACK® (RoHS compliant)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com