Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P05-AVMP6TP Datasheet(PDF) 15 Page - Numonyx B.V

Part # M25P05-AVMP6TP
Description  512-Kbit, serial flash memory, 50 MHz SPI bus interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25P05-AVMP6TP Datasheet(HTML) 15 Page - Numonyx B.V

Back Button M25P05-AVMP6TP Datasheet HTML 11Page - Numonyx B.V M25P05-AVMP6TP Datasheet HTML 12Page - Numonyx B.V M25P05-AVMP6TP Datasheet HTML 13Page - Numonyx B.V M25P05-AVMP6TP Datasheet HTML 14Page - Numonyx B.V M25P05-AVMP6TP Datasheet HTML 15Page - Numonyx B.V M25P05-AVMP6TP Datasheet HTML 16Page - Numonyx B.V M25P05-AVMP6TP Datasheet HTML 17Page - Numonyx B.V M25P05-AVMP6TP Datasheet HTML 18Page - Numonyx B.V M25P05-AVMP6TP Datasheet HTML 19Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
M25P05-A
Operating features
15/52
4.7
Hold condition
The Hold (HOLD) signal is used to pause any serial communications with the device without
resetting the clocking sequence. However, taking this signal Low does not terminate any
write status register, program or erase cycle that is currently in progress.
To enter the hold condition, the device must be selected, with Chip Select (S) Low.
The hold condition starts on the falling edge of the Hold (HOLD) signal, provided that this
coincides with Serial Clock (C) being Low (as shown in Figure 5).
The hold condition ends on the rising edge of the Hold (HOLD) signal, provided that this
coincides with Serial Clock (C) being Low.
If the falling edge does not coincide with Serial Clock (C) being Low, the hold condition
starts after Serial Clock (C) next goes Low. Similarly, if the rising edge does not coincide
with Serial Clock (C) being Low, the hold condition ends after Serial Clock (C) next goes
Low (this is shown in Figure 5).
During the hold condition, the Serial Data output (Q) is high impedance, and Serial Data
input (D) and Serial Clock (C) are don’t care.
Normally, the device is kept selected, with Chip Select (S) driven Low, for the whole duration
of the hold condition. This is to ensure that the state of the internal logic remains unchanged
from the moment of entering the hold condition.
If Chip Select (S) goes High while the device is in the hold condition, this has the effect of
resetting the internal logic of the device. To restart communication with the device, it is
necessary to drive Hold (HOLD) High, and then to drive Chip Select (S) Low. This prevents
the device from going back to the hold condition.
Figure 5.
Hold condition activation
AI02029D
HOLD
C
Hold
condition
(standard use)
Hold
condition
(non-standard use)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com