Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P05-AVMP6TP Datasheet(PDF) 31 Page - Numonyx B.V

Part # M25P05-AVMP6TP
Description  512-Kbit, serial flash memory, 50 MHz SPI bus interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25P05-AVMP6TP Datasheet(HTML) 31 Page - Numonyx B.V

Back Button M25P05-AVMP6TP Datasheet HTML 27Page - Numonyx B.V M25P05-AVMP6TP Datasheet HTML 28Page - Numonyx B.V M25P05-AVMP6TP Datasheet HTML 29Page - Numonyx B.V M25P05-AVMP6TP Datasheet HTML 30Page - Numonyx B.V M25P05-AVMP6TP Datasheet HTML 31Page - Numonyx B.V M25P05-AVMP6TP Datasheet HTML 32Page - Numonyx B.V M25P05-AVMP6TP Datasheet HTML 33Page - Numonyx B.V M25P05-AVMP6TP Datasheet HTML 34Page - Numonyx B.V M25P05-AVMP6TP Datasheet HTML 35Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
M25P05-A
Instructions
31/52
6.10
Bulk erase (BE)
The bulk erase (BE) instruction sets all bits to ‘1’ (FFh). Before it can be accepted, a write
enable (WREN) instruction must previously have been executed. After the write enable
(WREN) instruction has been decoded, the device sets the write enable latch (WEL).
The bulk erase (BE) instruction is entered by driving Chip Select (S) Low, followed by the
instruction code on Serial Data input (D). Chip Select (S) must be driven Low for the entire
duration of the sequence.
The instruction sequence is shown in Figure 16.
Chip Select (S) must be driven High after the eighth bit of the instruction code has been
latched in, otherwise the bulk erase instruction is not executed. As soon as Chip Select (S)
is driven High, the self-timed bulk erase cycle (whose duration is tBE) is initiated. While the
bulk erase cycle is in progress, the status register may be read to check the value of the
write in progress (WIP) bit. The write in progress (WIP) bit is 1 during the self-timed bulk
erase cycle, and is 0 when it is completed. At some unspecified time before the cycle is
completed, the write enable latch (WEL) bit is reset.
The bulk erase (BE) instruction is executed only if both block protect (BP1, BP0) bits are 0.
The bulk erase (BE) instruction is ignored if one, or more, sectors are protected.
Figure 16.
Bulk erase (BE) instruction sequence
C
D
AI03752D
S
2
1
34567
0
Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com