Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P05-AVMP6TP Datasheet(PDF) 50 Page - Numonyx B.V

Part # M25P05-AVMP6TP
Description  512-Kbit, serial flash memory, 50 MHz SPI bus interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25P05-AVMP6TP Datasheet(HTML) 50 Page - Numonyx B.V

Back Button M25P05-AVMP6TP Datasheet HTML 44Page - Numonyx B.V M25P05-AVMP6TP Datasheet HTML 45Page - Numonyx B.V M25P05-AVMP6TP Datasheet HTML 46Page - Numonyx B.V M25P05-AVMP6TP Datasheet HTML 47Page - Numonyx B.V M25P05-AVMP6TP Datasheet HTML 48Page - Numonyx B.V M25P05-AVMP6TP Datasheet HTML 49Page - Numonyx B.V M25P05-AVMP6TP Datasheet HTML 50Page - Numonyx B.V M25P05-AVMP6TP Datasheet HTML 51Page - Numonyx B.V M25P05-AVMP6TP Datasheet HTML 52Page - Numonyx B.V  
Zoom Inzoom in Zoom Outzoom out
 50 / 52 page
background image
Revision history
M25P05-A
50/52
13
Revision history
Table 23.
Document revision history
Date
Revision
Changes
25-Feb-2001
1.0
Initial release.
11-Apr-2002
1.1
Clarification of descriptions of entering Standby Power mode from Deep
Power-down mode, and of terminating an instruction sequence or data-
out sequence.
12-Sep-2002
1.2
VFQFPN8 package (MLP8) added.
13-Dec-2002
1.3
Typical Page Program time improved. Write Protect setup and hold times
specified, for applications that switch Write Protect to exit the Hardware
Protection mode immediately before a WRSR, and to enter the Hardware
Protection mode again immediately after.
24-Nov-2003
2
Table of contents, warning about exposed paddle on MLP8, and Pb-free
options added.
40 MHz AC characteristics table included as well as 25 MHz. ICC3(max),
tSE(typ) and tBE(typ) values improved. Change of naming for VDFPN8
package
13-Jan-2005
3
Devices with process technology code X added (Read identification
(RDID) and Table 17: AC characteristics (50 MHz operation)) added.
TSSOP8 package added.
Notes 1 and 2 removed from Table 22: Ordering information scheme and
Note 1 added.
Note 1 to Table 9: Absolute maximum ratings changed, note 2 and TLEAD
values removed.
Small text changes.
01-Apr-2005
4
Frequency test condition modified for ICC3 in Table 13: DC characteristics.
Read identification (RDID), Deep power-down (DP) and Release from
deep power-down and read electronic signature (RES) instructions and
Active power, standby power and deep power-down modes paragraph
clarified.
SO8 package specifications updated (see Figure 26. and Table 18).
01-Aug-2005
5
Updated Page Program (PP) instructions in Page programming, Page
program (PP) and Instruction times.
06-Jul-2006
6
Packages are fully ECOPACK® compliant. SO8N and VFQFPN8 package
specifications updated (see Section 11: Package mechanical).
Figure 3: Bus master and memory devices on the SPI bus updated and
Note 2 added. TLEAD removed from Section Table 9.: Absolute maximum
ratings. Small text changes.
19-Dec-2006
7
VCC supply voltage and VSS ground descriptions added. Figure 3: Bus
master and memory devices on the SPI bus updated, note 2 removed
replaced by explanatory paragraph.
WIP bit behavior at power-up specified in Section 7: Power-up and power-
down. TLEAD added and VIO max modified in Table 9: Absolute maximum
ratings. VFQFPN8 and SO8N packages updated (see Section 11:
Package mechanical).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com