Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P05-AVMP6TP Datasheet(PDF) 6 Page - Numonyx B.V

Part # M25P05-AVMP6TP
Description  512-Kbit, serial flash memory, 50 MHz SPI bus interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25P05-AVMP6TP Datasheet(HTML) 6 Page - Numonyx B.V

Back Button M25P05-AVMP6TP Datasheet HTML 2Page - Numonyx B.V M25P05-AVMP6TP Datasheet HTML 3Page - Numonyx B.V M25P05-AVMP6TP Datasheet HTML 4Page - Numonyx B.V M25P05-AVMP6TP Datasheet HTML 5Page - Numonyx B.V M25P05-AVMP6TP Datasheet HTML 6Page - Numonyx B.V M25P05-AVMP6TP Datasheet HTML 7Page - Numonyx B.V M25P05-AVMP6TP Datasheet HTML 8Page - Numonyx B.V M25P05-AVMP6TP Datasheet HTML 9Page - Numonyx B.V M25P05-AVMP6TP Datasheet HTML 10Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
Description
M25P05-A
6/52
1
Description
The M25P05-A is a 512-Kbit (64 Kbits ×8) serial flash memory, with advanced write
protection mechanisms, accessed by a high speed SPI-compatible bus.
The memory can be programmed 1 to 256 bytes at a time, using the page program
instruction.
The memory is organized as 2 sectors, each containing 128 pages. Each page is 256 bytes
wide. Thus, the whole memory can be viewed as consisting of 256 pages, or 65,536 bytes.
The whole memory can be erased using the bulk erase instruction, or a sector at a time,
using the sector erase instruction.
Figure 1.
Logic diagram
Table 1.
Signal names
Signal name
Function
Direction
C
Serial Clock
Input
D
Serial Data input
Input
Q
Serial Data output
Output
S
Chip Select
Input
W
Write Protect
Input
HOLD
Hold
Input
VCC
Supply voltage
Supply
VSS
Ground
Supply
AI05757
S
VCC
M25P05-A
HOLD
VSS
W
Q
C
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com