Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P05-AVMP6TP Datasheet(PDF) 23 Page - Numonyx B.V

Part # M25P05-AVMP6TP
Description  512-Kbit, serial flash memory, 50 MHz SPI bus interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25P05-AVMP6TP Datasheet(HTML) 23 Page - Numonyx B.V

Back Button M25P05-AVMP6TP Datasheet HTML 19Page - Numonyx B.V M25P05-AVMP6TP Datasheet HTML 20Page - Numonyx B.V M25P05-AVMP6TP Datasheet HTML 21Page - Numonyx B.V M25P05-AVMP6TP Datasheet HTML 22Page - Numonyx B.V M25P05-AVMP6TP Datasheet HTML 23Page - Numonyx B.V M25P05-AVMP6TP Datasheet HTML 24Page - Numonyx B.V M25P05-AVMP6TP Datasheet HTML 25Page - Numonyx B.V M25P05-AVMP6TP Datasheet HTML 26Page - Numonyx B.V M25P05-AVMP6TP Datasheet HTML 27Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
M25P05-A
Instructions
23/52
Figure 10.
Read status register (RDSR) instruction sequence and data-out sequence
6.5
Write status register (WRSR)
The write status register (WRSR) instruction allows new values to be written to the status
register. Before it can be accepted, a write enable (WREN) instruction must previously have
been executed. After the write enable (WREN) instruction has been decoded and executed,
the device sets the write enable latch (WEL).
The write status register (WRSR) instruction is entered by driving Chip Select (S) Low,
followed by the instruction code and the data byte on Serial Data input (D).
The instruction sequence is shown in Figure 11.
The write status register (WRSR) instruction has no effect on b6, b5, b4, b1 and b0 of the
status register. b6, b5 and b4 are always read as 0.
Chip Select (S) must be driven High after the eighth bit of the data byte has been latched in.
If not, the write status register (WRSR) instruction is not executed. As soon as Chip Select
(S) is driven High, the self-timed write status register cycle (whose duration is tW) is initiated.
While the write status register cycle is in progress, the status register may still be read to
check the value of the write in progress (WIP) bit. The write in progress (WIP) bit is 1 during
the self-timed write status register cycle, and is 0 when it is completed. At some unspecified
time before the cycle is completed, the write enable latch (WEL) is reset.
The write status register (WRSR) instruction allows the user to change the values of the
block protect (BP1, BP0) bits, to define the size of the area that is to be treated as read-only,
as defined in Table 2. The write status register (WRSR) instruction also allows the user to
set or reset the status register write disable (SRWD) bit in accordance with the Write Protect
(W) signal. The status register write disable (SRWD) bit and Write Protect (W) signal allow
the device to be put in the hardware protected mode (HPM). The write status register
(WRSR) instruction is not executed once the hardware protected mode (HPM) is entered.
The protection features of the device are summarized in Table 7.
When the status register write disable (SRWD) bit of the status register is 0 (its initial
delivery state), it is possible to write to the status register provided that the write enable latch
(WEL) bit has previously been set by a write enable (WREN) instruction, regardless of the
whether Write Protect (W) is driven High or Low.
C
D
S
2
1
3456789 10 11 12 13 14 15
Instruction
0
AI02031E
Q
7
6543210
Status register out
High Impedance
MSB
7
6543210
Status register out
MSB
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com