Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FIPY Datasheet(PDF) 7 Page - Pycom

Part # FIPY
Description  the latest Pycom MicroPython enabled micro controller on the market todaythe perfect enterprise grade IoT platform for your connected Things.
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYCOM [Pycom]
Direct Link  https://docs.pycom.io/
Logo PYCOM - Pycom

FIPY Datasheet(HTML) 7 Page - Pycom

Back Button FIPY Datasheet HTML 3Page - Pycom FIPY Datasheet HTML 4Page - Pycom FIPY Datasheet HTML 5Page - Pycom FIPY Datasheet HTML 6Page - Pycom FIPY Datasheet HTML 7Page - Pycom FIPY Datasheet HTML 8Page - Pycom FIPY Datasheet HTML 9Page - Pycom FIPY Datasheet HTML 10Page - Pycom FIPY Datasheet HTML 11Page - Pycom Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
07
9.0
Boot modes
9.1
Bootloader mode
In order to update the firmware of the FiPy device, it
needs to be placed into bootloader mode. In order to
do this, P2 needs to be connected to ground when the
device reboots. Once in bootloader mode you can use
the Pycom firmware update tool to update to the latest
official firmware. If you are developing your own firmware
based on our open–source firmware, a flashing script is
provided with the source code.
9.2
Safe boot
The micropython firmware features a safe boot feature
that skips the boot.py and main.py scripts and goes
straight to the REPL. This is useful if the device is
programmed with code that causes the device to crash or
become inaccessible. To access this mode, you need to
connect P12 to 3.3V and reset the device. Upon entering
safe boot mode, the on–board LED will begin to blink
orange. Depending on the duration the pin is held at 3.3V,
a different firmware will be run.
10.1
Current consumption by power modes/features measured at 5V
10.0 Power
The FiPy features an on–board voltage regulator that
takes 3.5V – 5.5V from the VIN pin and regulates it to
3.3V. It is important to only use the 3.3V as an output
and not try to feed 3.3V into this pin as this could
damage the regulator.
Table 3 – Boot modes
Table 4 – Power consumption by feature
* More details can be found in section 14.2
† More details can be found in section 15.2
0–3 Seconds
3–6 Seconds
Current firmware without running
boot.py or main.py
Previous firmware if the firmware was uploaded via OTA
(without running boot.py and main.py)
Mode
Min
Avg.
Max
Units
Idle (no radios)
62.7
mA
Sigfox†
192
mA
LTE Transmit
TBD
mA
WiFi AP
126
mA
WiFi client
137
mA
Bluetooth
121
mA
Deep sleep*
TBD
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com