Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FIPY Datasheet(PDF) 15 Page - Pycom

Part # FIPY
Description  the latest Pycom MicroPython enabled micro controller on the market today – the perfect enterprise grade IoT platform for your connected Things.
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYCOM [Pycom]
Direct Link  https://docs.pycom.io/
Logo PYCOM - Pycom

FIPY Datasheet(HTML) 15 Page - Pycom

Back Button FIPY Datasheet HTML 11Page - Pycom FIPY Datasheet HTML 12Page - Pycom FIPY Datasheet HTML 13Page - Pycom FIPY Datasheet HTML 14Page - Pycom FIPY Datasheet HTML 15Page - Pycom FIPY Datasheet HTML 16Page - Pycom FIPY Datasheet HTML 17Page - Pycom FIPY Datasheet HTML 18Page - Pycom FIPY Datasheet HTML 19Page - Pycom Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
15
Table 14 – Transmitter (BLE) specifications
13.2.6 Transmitter – Bluetooth LE
Parameter
Min
Typ.
Max
Unit
RF transmit power
–
0
–
dBm
Gain control step
–
±3
–
dBm
RF power control range
–12
–
+12
dBm
Adjacent channel transmit power
F = F0 + 1MHz
–
–14.6
–
dBm
F = F0 – 1MHz
–
–12.7
–
dBm
F = F0 + 2MHz
–
–44.3
–
dBm
F = F0 – 2MHz
–
–38.7
–
dBm
F = F0 + 3MHz
–
–49.2
–
dBm
F = F0 – 3MHz
–
–44.7
–
dBm
F = F0 + >3MHz
–
–50
–
dBm
F = F0 – >3MHz
–
–50
–
dBm
Δf1avg
–
–
265
KHz
Δf2max
247
–
–
KHz
Δf2avg/Δf1avg
–
–0.92
–
–
ICFT
–
–10
–
KHz
Drift rate
–
0.7
–
KHz/50μs
Drift
–
2
–
KHz
14.0 LoRa
14.1
Supported features
Table 15 – Supported LoRa features
The current micropython firmware supports LoRaWAN 1.0 acting as either a Class A or Class C node.
Part Number
Frequency Range
LoRa Parameters
Spreading
factor
Bandwidth
Effective
Bitrate
Sensitivity
Semtech SX1272
860–1020MHz
6 – 12
125 – 500
kHz
0.24 – 37.5
kpbs
–117 to –137
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com