Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FIPY Datasheet(PDF) 18 Page - Pycom

Part # FIPY
Description  the latest Pycom MicroPython enabled micro controller on the market today – the perfect enterprise grade IoT platform for your connected Things.
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYCOM [Pycom]
Direct Link  https://docs.pycom.io/
Logo PYCOM - Pycom

FIPY Datasheet(HTML) 18 Page - Pycom

Back Button FIPY Datasheet HTML 14Page - Pycom FIPY Datasheet HTML 15Page - Pycom FIPY Datasheet HTML 16Page - Pycom FIPY Datasheet HTML 17Page - Pycom FIPY Datasheet HTML 18Page - Pycom FIPY Datasheet HTML 19Page - Pycom FIPY Datasheet HTML 20Page - Pycom FIPY Datasheet HTML 21Page - Pycom FIPY Datasheet HTML 22Page - Pycom Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
18
Symbol
Description
Conditions
Min
Typ.
Max
Unit
RFS_L250
RF sensitivity, Long–Range
Mode, highest LNA gain, LNA
boost, 250kHz bandwidth
using split Rx/Tx path
SF = 6
–
–118
–
dBm
SF = 7
–
–122
–
dBm
SF = 8
–
–125
–
dBm
SF = 9
–
–128
–
dBm
SF = 10
–
–130
–
dBm
SF = 11
–
–132
–
dBm
SF = 12
–
–135
–
dBm
RFS_L500
RF sensitivity, Long–Range
Mode, highest LNA gain, LNA
boost, 500kHz bandwidth
using split Rx/Tx path
SF = 6
–
–111
–
dBm
SF = 7
–
–116
–
dBm
SF = 8
–
–119
–
dBm
SF = 9
–
–122
–
dBm
SF = 10
–
–125
–
dBm
SF = 11
–
–128
–
dBm
SF = 12
–
–129
–
dBm
CCR_LCW
SF = 7
–
5
–
dB
SF = 8
–
9.5
–
dB
SF = 9
–
12
–
dB
SF = 10
–
14.4
–
dB
SF = 11
–
17
–
dB
SF = 12
–
19.5
–
dB
CCR_LL
Co–channel rejection
Interferer is a LoRa signal using the
same BW and SF. Pw = sensitivity
+ 3dB
–
–6
–
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com