Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FIPY Datasheet(PDF) 5 Page - Pycom

Part # FIPY
Description  the latest Pycom MicroPython enabled micro controller on the market todaythe perfect enterprise grade IoT platform for your connected Things.
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYCOM [Pycom]
Direct Link  https://docs.pycom.io/
Logo PYCOM - Pycom

FIPY Datasheet(HTML) 5 Page - Pycom

  FIPY Datasheet HTML 1Page - Pycom FIPY Datasheet HTML 2Page - Pycom FIPY Datasheet HTML 3Page - Pycom FIPY Datasheet HTML 4Page - Pycom FIPY Datasheet HTML 5Page - Pycom FIPY Datasheet HTML 6Page - Pycom FIPY Datasheet HTML 7Page - Pycom FIPY Datasheet HTML 8Page - Pycom FIPY Datasheet HTML 9Page - Pycom Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
05
6.0
Pin Details
Table 1 – Module pinout
† The pins on the RTC power domain can be used during deep sleep, specifically GPIO pins will maintain their state while in deep sleep.
* ADC2 is currently not supported in the micropython firmware
Module
Pin
ESP32
GPIO
Pin
Name
Default Function
ADC
PWM
RTC†
Notes
19
35
P17
Sequans modem
CTS
1
Input only, not recommended for
external use
20
34
P18
Sequans modem
RX
1
Input only, not recommended for external
use, 921600 Baud
21
32
P19
Sequans modem
RTS
1
Not recommended for external use
22
33
P20
Sequans modem
TX
1
Not recommended for external use,
921600 Baud
23
26
P21
2*
DAC
24
25
P22
2*
DAC
25
14
P23
2*
JTAG TMS, SD card SCLK
26
Regulated 3.3V
supply
Output only, do not feed 3.3V into this pin
or you can damage the regulator
27
Ground
28
Voltage Input
Accepts a voltage between 3.5V and 5.5V
23
LoRa/Sigfox radio
interrupt
18
LoRa/Sigfox radio
chip select
6.1
Remapping Pins
The ESP32 features comprehensive pin remapping
functionality. This allows peripherals to be mapped
onto almost any available GPIO pins. The above table
merely shows the default assignments. For example, the
default mapping has the SPI and I2C clocks overlapping,
meaning both cannot be used simultaneously without
remapping one to a different pin. For a detailed guide of
what peripheral can be assigned to what pins please read
“Appendix A – ESP32 Pin Lists” of the ESP32 datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com