Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FIPY Datasheet(PDF) 17 Page - Pycom

Part # FIPY
Description  the latest Pycom MicroPython enabled micro controller on the market today – the perfect enterprise grade IoT platform for your connected Things.
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYCOM [Pycom]
Direct Link  https://docs.pycom.io/
Logo PYCOM - Pycom

FIPY Datasheet(HTML) 17 Page - Pycom

Back Button FIPY Datasheet HTML 13Page - Pycom FIPY Datasheet HTML 14Page - Pycom FIPY Datasheet HTML 15Page - Pycom FIPY Datasheet HTML 16Page - Pycom FIPY Datasheet HTML 17Page - Pycom FIPY Datasheet HTML 18Page - Pycom FIPY Datasheet HTML 19Page - Pycom FIPY Datasheet HTML 20Page - Pycom FIPY Datasheet HTML 21Page - Pycom Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
17
Table 17 – LoRa electrical characteristics
Symbol
Description
Conditions
Min
Typ.
Max
Unit
IDDR_L
Supply current in receiver
LoRa mode
LNABoost Off, BW=125KHz
–
9.7
–
mA
LNABoost Off, BW=250KHz
–
10.5
–
mA
LNABoost Off, BW=500KHz
–
12
–
mA
LNABoost On, BW=125KHz
–
10.8
–
mA
LNABoost On, BW=250KHz
–
11.6
–
mA
LNABoost On, BW=500KHz
–
13
–
mA
IDDT_L
Supply current in transmitter
mode
RFOP = 13dBm
–
28
–
mA
RFOP = 7dBm
–
18
–
mA
IDDT_H_L
Supply current in transmitter
mode with an external
impedance transformer
Using PA_BOOST pin
RFOP = 17 dBm
–
90
–
mA
BI_L
Blocking Immunity,
FRF=868MHz CW interferer
Offset = ±1 MHz
–
82.5
–
dB
Offset = ±2 MHz
–
86.5
–
dB
Offset = ±10 MHz
–
89
–
dB
IIP3_L
3rd order input intercept
point, highest LNA gain,
FRF=868MHz, CW interferer
F1 = FRF + 1MHz
F2 = FRF + 1.995MHz
–
–12.5
–
dBm
IIP2_L
2nd order input intercept
point, highest LNA gain,
FRF=868MHz, CW interferer
F1 = FRF + 20MHz
F2 = FRF + 20MHz + Δf
–
57
–
dBm
BR_L
Bit rate, Long–Range Mode
From SF6, CR=4/5, BW=500 kHz to
SF12, CR=4/8, BW = 125kHz
0.24
–
37.5
kbps
RFS_L125
RF sensitivity, Long–Range
Mode, highest LNA gain, LNA
boost, 125kHz bandwidth
using split Rx/Tx path
SF = 6
–
–121
–
dBm
SF = 7
–
–124
–
dBm
SF = 8
–
–127
–
dBm
SF = 9
–
–130
–
dBm
SF = 10
–
–133
–
dBm
SF = 11
–
–135
–
dBm
SF = 12
–
–137
–
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com