Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FIPY Datasheet(PDF) 26 Page - Pycom

Part # FIPY
Description  the latest Pycom MicroPython enabled micro controller on the market todaythe perfect enterprise grade IoT platform for your connected Things.
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYCOM [Pycom]
Direct Link  https://docs.pycom.io/
Logo PYCOM - Pycom

FIPY Datasheet(HTML) 26 Page - Pycom

Back Button FIPY Datasheet HTML 20Page - Pycom FIPY Datasheet HTML 21Page - Pycom FIPY Datasheet HTML 22Page - Pycom FIPY Datasheet HTML 23Page - Pycom FIPY Datasheet HTML 24Page - Pycom FIPY Datasheet HTML 25Page - Pycom FIPY Datasheet HTML 26Page - Pycom FIPY Datasheet HTML 27Page - Pycom FIPY Datasheet HTML 28Page - Pycom  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
26
21.0 Soldering Profile
This device is not recommended for reflow soldering.
The plastic of the pin headers will melt, instead please
hand solder the module or use sockets.
23.0 Packaging
22.0 Ordering Information
Table 27 – Ordering information
Figure 7 – Mechanical drawing of packaging – Units: mm
The module will come inside a reusable anti–static bag. If the module has headers it
will also be inserted into anti–static foam. Total weight inc. packaging: 33g
For more product accessories like expansion board or cases visit our website: http://www.pycom.io
Product EAN
Description
0700461341604
FiPy 1.0
0700461341703
LTE–M Antenna
0700461341680
External WiFi Antenna
0700461341697
IP67 Antenna Pigtail
Bundle
Contents
FiPy Multi–Pack
1x FiPy
1x Expansion Board or
Pysense or Pytrack
1x LTE–M antenna
Available in quantities of 1, 2 or 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com