Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIPY Datasheet(PDF) 8 Page - Pycom

Part # SIPY
Description  the only triple bearer MicroPython enabled micro controller on the market today – the perfect enterprise grade IoT platform for your connected Things.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYCOM [Pycom]
Direct Link  https://docs.pycom.io/
Logo PYCOM - Pycom

SIPY Datasheet(HTML) 8 Page - Pycom

Back Button SIPY Datasheet HTML 4Page - Pycom SIPY Datasheet HTML 5Page - Pycom SIPY Datasheet HTML 6Page - Pycom SIPY Datasheet HTML 7Page - Pycom SIPY Datasheet HTML 8Page - Pycom SIPY Datasheet HTML 9Page - Pycom SIPY Datasheet HTML 10Page - Pycom SIPY Datasheet HTML 11Page - Pycom SIPY Datasheet HTML 12Page - Pycom Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
08
10.1
Current consumption by power modes/features measured at 5V
10.2
Deep sleep
Due to a couple issues with the SiPy design the module
draws more current than it should while in deep sleep.
The DC–DC switching regulator always stays in high
performance mode which is used to provide the lowest
possible output ripple when the modules is in use. In this
mode, it draws a quiescent current of 10mA. When the
regulator is put into ECO mode, the quiescent current
goes down to 10uA. Unfortunately, the pin used to control
this mode is out of the RTC domain, and therefore not
usable during deep sleep. This causes the regulator to
always stay in PWM mode, keeping its quiescent current
at 10mA. Alongside this the flash chip doesn’t enter
power down mode because the CS pin is floating during
deep sleep. This causes the flash chip to consume
around 2mA of current. Only the WiPY 2.0, LoPy 1.0 and
SiPy 1.0 are affected by these issues. To work around
this issue a “deep sleep shield” is available that attaches
to the module and allows power to be cut off from the
device. The device can then be re–enabled either on a
timer or via pin interrupt. With the deep sleep shield the
current consumption during deep sleep is between 7uA
and 10uA depending on the wake sources configured.
10.0 Power
The SiPy features an on–board voltage regulator that
takes 3.5V – 5.5V from the VIN pin and regulates it to
3.3V. It is important to only use the 3.3V as an output and
not try to feed 3.3V into this pin as this could damage the
regulator.
Table 4 – Power consumption by feature
* More details can be found in section 14.2
Mode
Min
Avg.
Max
Units
Idle (no radios)
–
37.7
–
mA
Sigfox†
–
160
–
mA
WiFi AP
–
101
–
mA
WiFi client
–
111
–
mA
Bluetooth
–
95.9
–
mA
Deep sleep*
–
15.1
–
mA
Deep sleep with shield
–
530
–
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com