Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIPY Datasheet(PDF) 14 Page - Pycom

Part # SIPY
Description  the only triple bearer MicroPython enabled micro controller on the market today – the perfect enterprise grade IoT platform for your connected Things.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYCOM [Pycom]
Direct Link  https://docs.pycom.io/
Logo PYCOM - Pycom

SIPY Datasheet(HTML) 14 Page - Pycom

Back Button SIPY Datasheet HTML 10Page - Pycom SIPY Datasheet HTML 11Page - Pycom SIPY Datasheet HTML 12Page - Pycom SIPY Datasheet HTML 13Page - Pycom SIPY Datasheet HTML 14Page - Pycom SIPY Datasheet HTML 15Page - Pycom SIPY Datasheet HTML 16Page - Pycom SIPY Datasheet HTML 17Page - Pycom SIPY Datasheet HTML 18Page - Pycom Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
14
Table 12 – Transmitter (basic data rate) specifications
13.2.4 Transmitter – Basic Data Rate
Parameter
Min
Typ.
Max
Unit
RF transmit power
–
0
–
dBm
Gain control step
–
±3
–
dBm
RF power control range
–12
–
+12
dBm
+20 dB bandwidth
–
0.9
–
MHz
Adjacent channel transmit power
F = F0 + 1 MHz
–
–24
–
dBm
F = F0 – 1 MHz
–
–16.1
–
dBm
F = F0 + 2 MHz
–
–40.8
–
dBm
F = F0 – 2 MHz
–
–35.6
–
dBm
F = F0 + 3 MHz
–
–45.7
–
dBm
F = F0 – 3 MHz
–
–40.2
–
dBm
F = F0 + >3 MHz
–
45.6
–
dBm
F = F0 – >3 MHz
–
44.6
–
dBm
Δf1avg
–
–
155
KHz
Δf2max
133.7
KHz
Δf2avg/Δf1avg
–
0.92
–
–
ICFT
–
–7
–
KHz
Drift rate
–
0.7
–
KHz/50μs
Drift (1 slot packet)
–
6
–
KHz
Drift (5 slot packet)
–
6
–
KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com