Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIPY Datasheet(PDF) 23 Page - Pycom

Part # SIPY
Description  the only triple bearer MicroPython enabled micro controller on the market today – the perfect enterprise grade IoT platform for your connected Things.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYCOM [Pycom]
Direct Link  https://docs.pycom.io/
Logo PYCOM - Pycom

SIPY Datasheet(HTML) 23 Page - Pycom

Back Button SIPY Datasheet HTML 18Page - Pycom SIPY Datasheet HTML 19Page - Pycom SIPY Datasheet HTML 20Page - Pycom SIPY Datasheet HTML 21Page - Pycom SIPY Datasheet HTML 22Page - Pycom SIPY Datasheet HTML 23Page - Pycom SIPY Datasheet HTML 24Page - Pycom SIPY Datasheet HTML 25Page - Pycom SIPY Datasheet HTML 26Page - Pycom  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
23
The above profile is based on Alpha CVP–390 solder paste, which has been successfully tested with our devices.
Table 19 – Soldering profile temperatures
Stage
Duration/Rate
Temperature
Ramp to soak
2°C/s
Ambient – 185°C
Soak
60s
185°C
Ramp to peak
1°C/s
240°C
Reflow
45s
>225°C
Cool down
2°C/s
20.0 Soldering Profile
20.1
With headers
This device is not recommended for reflow soldering.
The plastic of the pin headers will melt, instead please
hand solder the module or use sockets.
20.2
Without headers
Figure 9 – Reflow soldering temperature profile



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com