Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIPY Datasheet(PDF) 26 Page - Pycom

Part # SIPY
Description  the only triple bearer MicroPython enabled micro controller on the market today – the perfect enterprise grade IoT platform for your connected Things.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYCOM [Pycom]
Direct Link  https://docs.pycom.io/
Logo PYCOM - Pycom

SIPY Datasheet(HTML) 26 Page - Pycom

Back Button SIPY Datasheet HTML 18Page - Pycom SIPY Datasheet HTML 19Page - Pycom SIPY Datasheet HTML 20Page - Pycom SIPY Datasheet HTML 21Page - Pycom SIPY Datasheet HTML 22Page - Pycom SIPY Datasheet HTML 23Page - Pycom SIPY Datasheet HTML 24Page - Pycom SIPY Datasheet HTML 25Page - Pycom SIPY Datasheet HTML 26Page - Pycom  
Zoom Inzoom in Zoom Outzoom out
 26 / 26 page
background image
26
IMPORTANT NOTE: In the event that these conditions cannot be met (for example certain laptop configurations
or co–location with another transmitter), then the FCC authorization is no longer considered valid and the FCC
ID cannot be used on the final product. In these circumstances, the OEM integrator will be responsible for re–
evaluating the end product (including the transmitter) and obtaining a separate FCC authorization.
23.2.3 End Product Labelling
This transmitter module is authorized only for use in device where the antenna may be installed such that 20 cm
may be maintained between the antenna and users. The final end product must be labelled in a visible area with
the following: “Contains FCC ID: 2AJMTSIPY1R”. The grantee’s FCC ID can be used only when all FCC compliance
requirements are met.
The following FCC part 15.19 statement has to also be available on the label:
This device complies with Part 15 of FCC rules. Operation is subject to the following two conditions:
1. this device may not cause harmful interference and
2. this device must accept any interference received, including interference that may cause undesired operation.
23.2.4 Manual Information to the End User
The OEM integrator has to be aware not to provide information to the end user regarding how to install or remove
this RF module in the user’s manual of the end product which integrates this module.
In the user manual of the end product, the end user has to beinformed that the equipment complies with FCC radio–
frequency exposure guidelines set forth for an uncontrolled environment.
The end user has to also be informed that any changes or modifications not expressly approved by the
manufacturer could void the user’s authority to operate this equipment.
The end user manual shall include all required regulatory information/warning as show in this manual.
The maximum operating ambient temperature of the equipment declared by the manufacturer is –40~+85C
Receiver category 3
24.0 Revision History
Table 21 – Document revision history
Version 1.0
Initial Release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com