Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIPY Datasheet(PDF) 5 Page - Pycom

Part # SIPY
Description  the only triple bearer MicroPython enabled micro controller on the market today – the perfect enterprise grade IoT platform for your connected Things.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYCOM [Pycom]
Direct Link  https://docs.pycom.io/
Logo PYCOM - Pycom

SIPY Datasheet(HTML) 5 Page - Pycom

  SIPY Datasheet HTML 1Page - Pycom SIPY Datasheet HTML 2Page - Pycom SIPY Datasheet HTML 3Page - Pycom SIPY Datasheet HTML 4Page - Pycom SIPY Datasheet HTML 5Page - Pycom SIPY Datasheet HTML 6Page - Pycom SIPY Datasheet HTML 7Page - Pycom SIPY Datasheet HTML 8Page - Pycom SIPY Datasheet HTML 9Page - Pycom Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
05
6.0
Pin Details
Table 1 – Module pinout
Module
Pin
ESP32
GPIO
Pin
Name
Default Function
ADC
PWM
RTC†
Notes
21
32
P19
1
22
33
P20
1
23
26
P21
2*
DAC
24
25
P22
2*
DAC
25
14
P23
2*
JTAG TMS, SD card SCLK
26
–
–
Regulated 3.3V
supply
Output only, do not feed 3.3V into this pin
or you can damage the regulator
27
–
–
Ground
28
–
–
Voltage Input
Accepts a voltage between 3.5V and 5.5V
–
18
–
Sigfox reset
–
16
–
External WiFi/BT antenna switch, Low =
on–board, High = U.FL
–
23
–
Sigfox radio interrupt
–
17
–
Sigfox radio chip select
† The pins on the RTC power domain can be used during deep sleep, specifically GPIO pins will maintain their state while in deep sleep.
* ADC2 is currently not supported in the micropython firmware
6.1
Remapping Pins
The ESP32 features comprehensive pin remapping
functionality. This allows peripherals to be mapped
onto almost any available GPIO pins. The above table
merely shows the default assignments. For example, the
default mapping has the SPI and I2C clocks overlapping,
meaning both cannot be used simultaneously without
remapping one to a different pin. For a detailed guide of
what peripheral can be assigned to what pins please read
“Appendix A – ESP32 Pin Lists” of the ESP32 datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com